Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN8902 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN8902
Description  DC FAN Motor Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8902 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN8902 Datasheet HTML 1Page - Fairchild Semiconductor FAN8902 Datasheet HTML 2Page - Fairchild Semiconductor FAN8902 Datasheet HTML 3Page - Fairchild Semiconductor FAN8902 Datasheet HTML 4Page - Fairchild Semiconductor FAN8902 Datasheet HTML 5Page - Fairchild Semiconductor FAN8902 Datasheet HTML 6Page - Fairchild Semiconductor FAN8902 Datasheet HTML 7Page - Fairchild Semiconductor FAN8902 Datasheet HTML 8Page - Fairchild Semiconductor FAN8902 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FAN8902(KA3902)
2
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1
CMD
Motor Current Command Input
2
CMDa
Optional OP Amplifier Output
3
CMDb
Optional OP Amplifier (-) Input
4
SGND
Signal GND
5RT / CT
Oscillator Time Constant
6
VREF
Voltage Reference (5V)
7
CH
Maximum Current Reference Input
8
NC
No Connection
9
CL
Minimum Current Reference Input
10
CS
Motor Current Sense Voltage Input
11
PGND
Power GND
12
OUT
Drive Output
13
VCC
VCC
14
La
Motor Current Maximum Reference Input
1
2
3
4
5
6
78
9
10
11
12
13
14
CMD
CMDa
CMDb
SG
RT / CT
VREF
CH
La
VCC
OUT
PG
CS
CL
NC
F A N 8 9 0 2


Numéro de pièce similaire - FAN8902

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8903 FAIRCHILD-FAN8903 Datasheet
286Kb / 16P
   Power Window Motor Control IC
More results

Description similaire - FAN8902

FabricantNo de pièceFiches techniqueDescription
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
   Fan-Motor Controller
logo
PADAUK Technology.
DF69 PADAUK-DF69 Datasheet
1Mb / 106P
   DC Fan Controller
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1695M SANYO-LB1695M Datasheet
89Kb / 7P
   DC Fan Motor Driver
LB1976 SANYO-LB1976 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1332D SANYO-LB1332D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
LB1662D SANYO-LB1662D Datasheet
72Kb / 6P
   DC Fan Motor Drivers
logo
Rohm
BD62018BFS ROHM-BD62018BFS Datasheet
1Mb / 27P
   For Air-Conditioner Fan Motor 3-Phase Brushless Fan Motor Controller
21.Jan.2022 Rev.001
logo
Pericom Semiconductor C...
PT8A2766A PERICOM-PT8A2766A Datasheet
203Kb / 8P
   DC Motor Controller
PT8A2767A PERICOM-PT8A2767A Datasheet
203Kb / 8P
   DC Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com