Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA3037 Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce KA3037
Description  7-CH Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA3037 Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button KA3037 Datasheet HTML 6Page - Fairchild Semiconductor KA3037 Datasheet HTML 7Page - Fairchild Semiconductor KA3037 Datasheet HTML 8Page - Fairchild Semiconductor KA3037 Datasheet HTML 9Page - Fairchild Semiconductor KA3037 Datasheet HTML 10Page - Fairchild Semiconductor KA3037 Datasheet HTML 11Page - Fairchild Semiconductor KA3037 Datasheet HTML 12Page - Fairchild Semiconductor KA3037 Datasheet HTML 13Page - Fairchild Semiconductor KA3037 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
FAN8037 (KA3037)
10
Electrical Characteristics
(SVCC = PVCC1 = PVCC2 = 8V, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Quiescent circuit current
ICC
Under no-load
15
25
35
mA
Power save on current
IPS
Pin21=GND
-
1
2
mA
Stand by on voltage
VSBON
Pin20=Variation
-
-
0.5
V
Stand by off voltage
VSBOFF
Pin20=Variation
2
-
-
V
Power save on voltage
VPSON
Pin21=Variation
-
-
0.5
V
Power save off voltage
VPSOFF
Pin21=Variation
2
-
-
V
All mute on voltage
VMON
Pin22=Variation
-
-
0.5
V
All mute off voltage
VMOFF
Pin22=Variation
2
-
-
V
DRIVER CIRCUIT (RL=12
Ω)
Output offset voltage
VOO
VIN=2.5V
−80
-
+80
mV
Maximum output voltage 1
VOM1
VCC=PVCC1=PVCC2=8V, RL=12
5.5
6.5
-
V
Maximum output voltage 2
VOM2
VCC=PVCC1=PVCC2=13V, RL=24
Ω 10.5
11.5
-
V
Closed-loop voltage gain
AVF
VIN=0.1Vrms,f=1kHz
10.5
12
13.5
dB
Slew rate
SR
Square, Vout=4Vp-p,f=120kHz
-
2
-
V/
µs
INPUT OPAMP CIRCUIT
Input offset voltage
VOF
-
−30
-
+30
mV
Input bias current
IB
-
-
-
300
nA
High level output voltage
VOH
RL=Open
7.2
7.7
-
V
Low level output voltage
VOL
RL=Open
-
0.2
0.5
V
Output sink current
ISINK
RL=50
24
-
mA
Output source current
ISOURCE
RL=50
24
-
mA
Open loop voltage gain
GVO
VIN=
−75dB
-
70
-
dB
Slew rate
SR
Square, Vout=2Vp-p, f=120kHz
-
2.5
-
V/
µs


Numéro de pièce similaire - KA3037

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA3030 FAIRCHILD-KA3030 Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030D FAIRCHILD-KA3030D Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3030DTF FAIRCHILD-KA3030DTF Datasheet
299Kb / 17P
   6-Channel Motor Drive IC
KA3031 FAIRCHILD-KA3031 Datasheet
359Kb / 24P
   6-Channel Motor Drive IC
KA3032 FAIRCHILD-KA3032 Datasheet
348Kb / 24P
   5-Channel Motor Drive IC
More results

Description similaire - KA3037

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN8004 FAIRCHILD-FAN8004 Datasheet
390Kb / 24P
   5-CH Motor Driver
FAN8006D3 FAIRCHILD-FAN8006D3 Datasheet
243Kb / 14P
   4-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
FAN8047G3 FAIRCHILD-FAN8047G3 Datasheet
287Kb / 17P
   4-CH Motor Driver
KA3010D FAIRCHILD-KA3010D Datasheet
399Kb / 13P
   4-CH MOTOR DRIVER
FAN8000D FAIRCHILD-FAN8000D Datasheet
270Kb / 13P
   4-CH Motor Driver
FAN8039BD3 FAIRCHILD-FAN8039BD3 Datasheet
291Kb / 16P
   5-CH Motor Driver
FAN8042 FAIRCHILD-FAN8042 Datasheet
223Kb / 18P
   5-CH Motor Driver
KA9258D FAIRCHILD-KA9258D Datasheet
606Kb / 14P
   4-CH MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com