Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN6555 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN6555
Description  2A DDR Bus Termination Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6555 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN6555 Datasheet HTML 1Page - Fairchild Semiconductor FAN6555 Datasheet HTML 2Page - Fairchild Semiconductor FAN6555 Datasheet HTML 3Page - Fairchild Semiconductor FAN6555 Datasheet HTML 4Page - Fairchild Semiconductor FAN6555 Datasheet HTML 5Page - Fairchild Semiconductor FAN6555 Datasheet HTML 6Page - Fairchild Semiconductor FAN6555 Datasheet HTML 7Page - Fairchild Semiconductor FAN6555 Datasheet HTML 8Page - Fairchild Semiconductor FAN6555 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PRODUCT SPECIFICATION
FAN6555
REV. 1.1.3 8/4/03
5
Applications
Using the FAN6555 for DDR Bus Termination
The circuit schematic in Figure 1 shows a recommended
approach for constructing a bus terminating solution for a
DDR bus. This circuit can be used in PC memory and Graph-
ics memory applications as shown in Figures 3 and 4. Note
that the FAN6555 can provide the voltage reference (VREF)
and terminating voltages (VTT). Using the layout
as shown in Figures 5, 6, and 7, and measuring the VTT
performance using the test setup as described in Figure 8,
the FAN6555 delivered a VTT ± 20mV for 1A to 2A loads
(see Figure 9). Table 1 provides a recommended parts list.
An alternate application circuit for the FAN6555 is shown in
Figure 2. The number of external components is reduced
compared to the circuit in Figure 1. This is achieved by
replacing four, 0.1µF bypass capacitors with one, low ESR,
10µF ceramic capacitor placed right next to U1. Two 100
resistors are also eliminated. High value, surface-mount
MLC capacitors were not available when the original appli-
cation circuit (Figure 1) was developed. Both application
circuits offer the same electrical performance but the circuit
shown in Figure 2 has a reduced bill-of-materials. Table 2
shows the recommended parts list for the circuit of Figure 2.
Bus Termination Solutions for Others Buses
Table 3 provides a summary of various bus termination VREF
& VTT requirements. The FAN6555 can be used for those
applications.
Figure 2. Alternate Application Circuit
16
15
14
13
12
11
10
9
U1
FAN6555
VDD
PVDD1
VL1
PGND1
PGND2
VL2
PVDD2
DGND
AVCC
VCCQ
VREFOUT
AGND
SHDN
VREFIN
VFB
VDD
1
2
3
4
5
6
7
8
R3
100k
VCCQ
VREFOUT
VTT
2.5V TO 4V
SHDN
VREFIN
GND
GND
TO SDRAMS
C4 1nF
C5
470
µF
R1 100k
R2 1k
C2
0.1
µF
C1
820
µF
F2V
OS-CON
L1 3.3
µH
C3 10
µF


Numéro de pièce similaire - FAN6555

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
More results

Description similaire - FAN6555

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com