Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5660 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FAN5660
Description  Monolithic Inductorless CMOS DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5660 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FAN5660 Datasheet HTML 1Page - Fairchild Semiconductor FAN5660 Datasheet HTML 2Page - Fairchild Semiconductor FAN5660 Datasheet HTML 3Page - Fairchild Semiconductor FAN5660 Datasheet HTML 4Page - Fairchild Semiconductor FAN5660 Datasheet HTML 5Page - Fairchild Semiconductor FAN5660 Datasheet HTML 6Page - Fairchild Semiconductor FAN5660 Datasheet HTML 7Page - Fairchild Semiconductor FAN5660 Datasheet HTML 8Page - Fairchild Semiconductor FAN5660 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FAN5660
REV. 1.0.2 3/28/02
5
Typical Applications Diagrams
Unless otherwise specified TA=25°C,V+=5V, C1=C2=100µF, Iload=0, FC and LV open, using circuit in Figure 1
1.2
1.0
FC = V+
LV to
GND
LV to
GND
FC = V+,
LV = GND
LV to GND
0.8
0.6
0.4
0.2
0
60
55
50
45
40
100
90
80
70
60
1.2
1.4
1.6
1.8
1.0
0.8
0.6
0.4
0.2
0
12
3
4
5
6
1.5
2
2.5
3
3.5
4
4.5
5
5.5
1
10
100
1
10
100
Supply Current vs. Supply Voltage
Supply Current vs. Oscillator Frequency
Oscillator Frequency vs.
Supply Voltage, FC to V+
Oscillator Frequency vs. Supply Voltage
Efficiency vs. Operating Frequency
Efficiency vs. Load Current
Supply Voltage (V)
Supply Voltage (V)
Operating Frequency (kHz)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
020
V+ = 1.5V
V+ = 2.5V
V+ = 3.5V
V+ = 4.5V
V+ = 5.5V
40
60
80
100
120
Load Current (mA)
Oscillator frequency (kHz)
1.00
0.95
0.90
0.80
0.85
0.75
0.70
7
6
5
4
3
FC and LV open
Iload = 10mA
Iload = 1mA
Iload = 80mA


Numéro de pièce similaire - FAN5660

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

Description similaire - FAN5660

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7560 AD-AD7560_15 Datasheet
3Mb / 11P
   CMOS MONOLITHIC DC DC
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com