Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5098 Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce FAN5098
Description  Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5098 Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5098 Datasheet HTML 7Page - Fairchild Semiconductor FAN5098 Datasheet HTML 8Page - Fairchild Semiconductor FAN5098 Datasheet HTML 9Page - Fairchild Semiconductor FAN5098 Datasheet HTML 10Page - Fairchild Semiconductor FAN5098 Datasheet HTML 11Page - Fairchild Semiconductor FAN5098 Datasheet HTML 12Page - Fairchild Semiconductor FAN5098 Datasheet HTML 13Page - Fairchild Semiconductor FAN5098 Datasheet HTML 14Page - Fairchild Semiconductor FAN5098 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PRODUCT SPECIFICATION
FAN5098
REV. 1.0.7 2/18/03
11
Adaptive Delay Gate Drive
The FAN5098 embodies an advanced design that ensures
minimum MOSFET transition times while eliminating
shoot-through current. It senses the state of the MOSFETs
and adjusts the gate drive adaptively to ensure that they are
never on simultaneously. When the high-side MOSFET turns
off, the voltage on its source begins to fall. When the voltage
there reaches approximately 2.5V, the low-side MOSFETs
gate drive is applied. When the low-side MOSFET turns off,
the voltage at the LDRV pin is sensed. When it drops below
approximately 1.2V, the high-side MOSFET’s gate drive is
applied with 50nsec delay.
Maximum Duty Cycle
In order to ensure that the current-sensing and charge-
pumping work, the FAN5098 guarantees that the low-side
MOSFET will be on a certain portion of each period. For low
frequencies, this occurs as a maximum duty cycle of approxi-
mately 90%. Thus at 250KHz, with a period of 4µsec, the
low-side will be on at least 4µsec • 10% = 400nsec. At higher
frequencies, this time might fall so low as to be ineffective.
The FAN5098 guarantees a minimum low-side on-time of
approximately 330nsec, regardless of duty cycle.
Current Sensing
The FAN5098 has two independent current sensors, one for
each phase. Current sensing is accomplished by measuring
the source-to-drain voltage of the low-side MOSFET during
its on-time. Each phase has its own power ground pin, to per-
mit the phases to be placed in different locations without
affecting measurement accuracy. For best results, it is impor-
tant to connect the PGND and SW pins for each phase as a
Kelvin trace pair directly to the source and drain, respec-
tively, of the appropriate low-side MOSFET. Care is required
in the layout of these grounds; see the layout guidelines in
this datasheet.
Current Sharing
The two independent current sensors of the FAN5098 operate
with their independent current control loops to guarantee that
the two phases each deliver half of the total output current.
The only mismatch between the two phases occurs if there is
a mismatch between the RDS,on of the low-side MOSFETs.
Short Circuit Current Characteristics (ILIM Pin)
The FAN5098 short circuit current characteristic includes a
function that protects the DC-DC converter from damage in
the event of a short circuit. The short circuit limit is set with
the RS resistor, as given by the formula
with ISC the desired output current limit, RT the oscillator
resistor and RDS,on one phase’s low-side MOSFET’s on
resistance. Remember to make the RS large enough to
include the effects of initial tolerance and temperature
variation on the MOSFETs’ RDS,on.
Important Note! The oscillator frequency must be selected
before selecting the current limit resistor, because the value
of RT is used in the calculation of RS.
When an overcurrent is detected, the high-side MOSFETs
are turned off, and the low-side MOSFETs are turned on,
and they remain in this state until the measured current
through the low-side MOSFET has returned to zero amps.
After reaching zero, the FAN5098 re-soft-starts, ensuring
that it can also safely turn on into a short.
A limitation on the current sense circuit is that ISC • RDS,on
must be less that 375mV. To ensure correct operation, use
ISC • RDS,on
≤ 300mV; between 300mV and 375mV, there
will be some non-linearity in the short-circuit current not
accounted for in the equation.
As an example, consider the typical characteristic of the
DC-DC converter circuit with two FDP6670AL low-side
MOSFETs (RDS = 6.5m
Ω maximum at 25°C • 1.2 at 75°C
= 7.8m
Ω each, or 3.9mΩ total) in each phase, RT = 42.1KΩ
(600KHz oscillator) and a 50K
Ω RS.
The converter exhibits a normal load regulation characteris-
tic until the voltage across the MOSFETs exceeds the inter-
nal short circuit threshold of 50K
Ω/(3.9mΩ • 41.2KΩ • 6.66)
= 47A. [Note that this current limit level can be as high as
50K
Ω/(3.5mΩ • 41.2KΩ • 6.66) = 52A, if the MOSFETs
have typical RDS,on rather than maximum, and are at 25
°C.]
At this point, the internal comparator trips and signals the
controller to leave on the low-side MOSFETs and keep off
the high-side MOSFETs. The inductor current decreases,
and power is not applied again until the inductor current
reaches 0A and the converter attempts to re-softstart.
E*-mode
In addition, further enhancement in efficiency can be
obtained by putting the FAN5098 into E*-mode. When the
Droop pin is pulled to the 5V BYPASS voltage, the “A”
phase of the FAN5098 is completly turned off, reducing in
half the amount of gate charge power being consumed.
E*-mode can be implemented with the circuit shown in
Figure 3.
Figure 3. Implementing E*-mode Control
R
S
()
I
SC
R
DS on
,
R
T
3.33
=
FAN5098, Pin 6
(Bypass)
FAN5098, Pin 21
(Droop, E*)
2N3906
HI=E*MODE
2N3904
1K
10K
10K
10K
RDROOP


Numéro de pièce similaire - FAN5098

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5091MTC FAIRCHILD-FAN5091MTC Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
More results

Description similaire - FAN5098

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com