Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5098 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5098
Description  Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5098 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5098 Datasheet HTML 1Page - Fairchild Semiconductor FAN5098 Datasheet HTML 2Page - Fairchild Semiconductor FAN5098 Datasheet HTML 3Page - Fairchild Semiconductor FAN5098 Datasheet HTML 4Page - Fairchild Semiconductor FAN5098 Datasheet HTML 5Page - Fairchild Semiconductor FAN5098 Datasheet HTML 6Page - Fairchild Semiconductor FAN5098 Datasheet HTML 7Page - Fairchild Semiconductor FAN5098 Datasheet HTML 8Page - Fairchild Semiconductor FAN5098 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PRODUCT SPECIFICATION
FAN5098
REV. 1.0.7 2/18/03
3
Absolute Maximum Ratings (Absolute Maximum Ratings are the values beyond which the device
may be damaged or have it’s useful life impaired. Functional operation under these conditions is not implied.)
Thermal Ratings
Recommended Operating Conditions (See Figure 2)
20
ILIM
Current Limit. A resistor from this pin to ground sets the over current trip level.
21
DROOP/E*
Droop Control/Energy Star Mode Control. A resistor from this pin to ground
sets the amount of droop by controlling the gain of the current sense amplifier.
When this pin is pulled high to BYPASS, the phase A drivers are turned off for
Energy-star operation.
22
ENABLE/SS
Output Enable/Softstart. A logic LOW on this pin will disable the output. An
10µA internal current source allows for open collector control. This pin also
doubles as soft start.
23
RT
Frequency Set. A resistor from this pin to ground sets the switching frequency.
24
VFB
Voltage Feedback. Connect to the desired regulation point at the output of the
converter.
Parameter
Min.
Max.
Unit
Supply Voltage VCC
15
V
Supply Voltages BOOT to PGND
24
V
BOOT to SW
24
V
Voltage Identification Code Inputs, VID0-VID4
6
V
VFB, ENABLE/SS, PWRGD, DROOP/E*
6
V
SWA, SWB to AGND (<1µs)
-3
15
V
PGNDA, PGNDB to AGND
-0.5
0.5
V
Gate Drive Current, peak pulse
3
A
Junction Temperature, TJ
-55
150
°C
Storage Temperature
-65
150
°C
Parameter
Min.
Typ.
Max.
Unit
Lead Soldering Temperature, 10 seconds
300
°C
Power Dissipation, PD
650
mW
Thermal Resistance Junction-to-Case,
ΘJC
16
°C/W
Thremal Resistance Junction-to-Ambient,
ΘJA
84
°C/W
Parameter
Conditions
Min.
Max.
Units
Output Driver Supply, BOOTA, B
16
22
V
Ambient Operating Temperature
0
70
°C
Supply Voltage VCC
10.8
13.2
V
Pin Number
Pin Name
Pin Function Description


Numéro de pièce similaire - FAN5098

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTC FAIRCHILD-FAN5090MTC Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090MTCX FAIRCHILD-FAN5090MTCX Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5091MTC FAIRCHILD-FAN5091MTC Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
More results

Description similaire - FAN5098

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
FAN5093MTC FAIRCHILD-FAN5093MTC Datasheet
584Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
Renesas Technology Corp
ISL6568 RENESAS-ISL6568 Datasheet
1Mb / 30P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
logo
Intersil Corporation
ISL6568 INTERSIL-ISL6568 Datasheet
716Kb / 28P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
ISL6568 INTERSIL-ISL6568_06 Datasheet
725Kb / 29P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for VRM9, VRM10, and AMD Hammer Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com