Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2501S28X Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN2501S28X
Description  100 mA CMOS LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2501S28X Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2501S28X Datasheet HTML 2Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 3Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 4Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 5Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 6Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 7Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 8Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 9Page - Fairchild Semiconductor FAN2501S28X Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT SPECIFICATION
FAN2500/FAN2501
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
2/14/03 0.0m 005
Stock#DS30002500
 2000 Fairchild Semiconductor Corporation
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO
ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME
ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN;
NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Tape and Reel Information
Product Number
VOUT
Pin 4 Function
Package Marking
FAN2500SX
Adj.
Adjust
ACA
FAN2500S25X
2.5
Bypass
ACE
FAN2500S26X
2.6
Bypass
ACG
FAN2500S27X
2.7
Bypass
ACJ
FAN2500S28X
2.8
Bypass
ACM
FAN2500S285X
2.85
Bypass
ACN
FAN2500S30X
3.0
Bypass
ACW
FAN2500S33X
3.3
Bypass
AC3
FAN2501S25X
2.5
Error output
ADE
FAN2501S26X
2.6
Error output
ADG
FAN2501S27X
2.7
Error output
ADJ
FAN2501S28X
2.8
Error output
ADM
FAN2501S285X
2.85
Error output
ADN
FAN2501S30X
3.0
Error output
ADW
FAN2501S33X
3.3
Error output
AD3
Quantity
Reel Size
Width
3000
7"
8mm


Numéro de pièce similaire - FAN2501S28X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2501S25X FAIRCHILD-FAN2501S25X Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results

Description similaire - FAN2501S28X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510_10 Datasheet
259Kb / 10P
   100 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502 Datasheet
255Kb / 10P
   150 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2508 FAIRCHILD-FAN2508 Datasheet
251Kb / 10P
   50 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2510 FAIRCHILD-FAN2510 Datasheet
248Kb / 10P
   100 mA CMOS LDO Regulators with Fast Start Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com