Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3506 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN3506
Description  PC SMPS Secondary Side Control IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3506 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN3506 Datasheet HTML 1Page - Fairchild Semiconductor FAN3506 Datasheet HTML 2Page - Fairchild Semiconductor FAN3506 Datasheet HTML 3Page - Fairchild Semiconductor FAN3506 Datasheet HTML 4Page - Fairchild Semiconductor FAN3506 Datasheet HTML 5Page - Fairchild Semiconductor FAN3506 Datasheet HTML 6Page - Fairchild Semiconductor FAN3506 Datasheet HTML 7Page - Fairchild Semiconductor FAN3506 Datasheet HTML 8Page - Fairchild Semiconductor FAN3506 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FAN3506
4
Electrical Characteristics (Continued)
(VCC= 5V, Ta = 25
°C, unless otherwise specified)
Note :
1. Power Supply ON Delay (PSON :High
→ Low). Power Supply is Active when PSON is Low.
2. Power Supply OFF Delay (PSON :Low
→ High). Power Supply is Off when PSON is High.
3. Ton = (Cpin8 * Von) / lon = (Cpin8 * VthH) / lon
4. Toff = (Cpin8 * Voff) / loff = [Cpin8 * (V8max - VthL)] / (VRd / Rd)
5,6,7,8 : These parameters, although guaranteed, are but not 100% tested in production.
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POWER GOOD SECTION
PGI Threshold Voltage
Vpgi
PGI : 1.5V to 1V
1.21
1.26
1.31
V
V33 Under Voltage Level
Vuv33
V33 : 3.3V to 2V
2.66
2.8
2.94
V
V5 Under Voltage Level
Vuv5
V5 : 5V to 3.5V
4.1
4.3
4.5
V
V12 Under Voltage Level
Vuv12
V12 : 12V to 9V
9.8
10.3
10.8
V
Pin10 Clamping Voltage
V10max
TPG : Open
3.4
3.9
4.4
V
PG Delay Comparator Threshold Voltage
Vth(TPG)
TPG : 0V to 2.5V
1.5
1.8
2.1
V
PG Delay Comparator Hysteresis Voltage
HY
TPG : 2.5V to 0V
0.3
0.6
0.9
V
Charging Current for PG Delay
lchg
TPG = 0V
-9
-15
-23
uA
PG Delay Time
Td(PG)
Cpin10 = 2.2uF
100
300
500
msec
PG Output Rising Time (Note5)
Tr
Cpin9 = 0.1uF
-
1
-
usec
PG Output Falling Time (Note6)
Tf
Cpin9 = 0.1uF
-
1
-
usec
PG Output Saturation Voltage
Vsat(PG)
lsink = 15mA
-
0.2
0.4
V
PG Output Leakage Current
lleak(PG)
V(PG) = 20V
0
0.01
1
uA
PROGRAMMABLE SHUNT REGULATOR (KA431) SECTION
Reference Input Voltage
Vref
IK = VREF, IK = 1mA
2.45
2.50
2.55
V
Load Regulation
Vref
IK = 1mA to 10mA
-
5
15
mV
Temperature Stability (Note7)
∆Vref/∆T
Ta = -25 ~ +85
°C-
4.5
17
mV
Output Sinking Current Capability
lsink
-
10
25
-
mA
Gain Bandwidth (Note8)
GBW
GV = 1
-
1
-
MHz
TOTAL DEVICE
Supply Current
Icc
PSON = 2V
-
3
8
mA


Numéro de pièce similaire - FAN3506

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
FAN302HLMY_F117 FAIRCHILD-FAN302HLMY_F117 Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery-Charger Applications ??mWSaver??Technology
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
FAN302ULMY FAIRCHILD-FAN302ULMY Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
More results

Description similaire - FAN3506

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA5636M SANYO-LA5636M Datasheet
365Kb / 7P
   DC/DC Converter Secondary Side Control IC
logo
ON Semiconductor
NCP4353 ONSEMI-NCP4353_15 Datasheet
274Kb / 17P
   Secondary Side SMPS OFF Mode Controller
April, 2015 ??Rev. 4
NCP4352 ONSEMI-NCP4352 Datasheet
98Kb / 10P
   Secondary Side SMPS ECO Mode Controller
August, 2015 ??Rev. 0
logo
Fairchild Semiconductor
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
logo
ON Semiconductor
NCP4355 ONSEMI-NCP4355 Datasheet
203Kb / 17P
   Secondary Side SMPS OFF Mode Controller
August, 2013 ??Rev. 1
logo
Fairchild Semiconductor
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
logo
NXP Semiconductors
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com