Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1582P Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FAN1582P
Description  3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1582P Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN1582P Datasheet HTML 4Page - Fairchild Semiconductor FAN1582P Datasheet HTML 5Page - Fairchild Semiconductor FAN1582P Datasheet HTML 6Page - Fairchild Semiconductor FAN1582P Datasheet HTML 7Page - Fairchild Semiconductor FAN1582P Datasheet HTML 8Page - Fairchild Semiconductor FAN1582P Datasheet HTML 9Page - Fairchild Semiconductor FAN1582P Datasheet HTML 10Page - Fairchild Semiconductor FAN1582P Datasheet HTML 11Page - Fairchild Semiconductor FAN1582P Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
FAN1582
REV. 1.1.2 2/26/03
9
Mechanical Dimensions
5-Lead TO-263 Package
10.20
9.80
1.40
1.00
9.40
9.00
9.50 MIN
9.00 MIN
4.00 MIN
1.20 MIN
LAND PATTERN RECOMMENDATION
10.00
1.70
6.80
5.10
4.70
(1.28)
(8.00)
(4.40)
1.70
6.80
(1.75)
(0.90)
R0.45
–B–
(6.80)
0.25
B A
MM
1.37
1.17
0.90
0.70
15.60
15.00
2.84
2.24
SCALE: 10X
0.10 B
SEATING
PLANE
0.75
0.45
0.25
GAGE PLANE
NOTES: UNLESS OTHERWISE SPECIFIED
A)
ALL DIMENSIONS ARE IN MILLIMETERS.
B)
STANDARD LEAD FINISH: 200 MICROINCHES/
5.08 MICROMETERS MIN. LEAD/TIN 15/85
ON COPPER.
C)
NO PACKAGE STANDARD REFERENCE AS
OF JUNE 2002.
D)
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M – 1982.
DETAIL A, ROTATED 90°
R0.56
1.40
1.14
4.70
4.30
SEE
DETAIL A
5
5
1
1
A


Numéro de pièce similaire - FAN1582P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D15X FAIRCHILD-FAN1582D15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D25X FAIRCHILD-FAN1582D25X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582DX FAIRCHILD-FAN1582DX Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582M15X FAIRCHILD-FAN1582M15X Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Description similaire - FAN1582P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com