Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1581D25X Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN1581D25X
Description  5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1581D25X Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN1581D25X Datasheet HTML 1Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 2Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 3Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 4Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 5Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 6Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 7Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 8Page - Fairchild Semiconductor FAN1581D25X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
FAN1581
REV. 1.2.0 11/6/03
3
Absolute Maximum Ratings
Electrical Characteristics
TJ=25°C, VOUT = VSENSE, VADJ = 0V unless otherwise specified.
The • denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by
input/output differential and the output current. Guaranteed maximum output power will not be available over the full input/
output voltage range.
3. FAN1581 only.
4. FAN1581-1.5 only.
5. FAN1581-2.5 only.
6. FAN1581-1.2 only.
Parameter
Min.
Max.
Unit
VIN
7V
VCNTL
13.2
V
Operating Junction Temperature Range
0
125
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Storage Temperature Range
-65
150
°C
Parameter
Conditions
Min.
Typ.
Max.
Units
Reference Voltage3
2.05V
≤ VIN ≤ 5.5V,
2.7V
≤ VCNTL ≤ 12V,
10mA
≤ IOUT ≤ 5A
1.237
1.250
1.263
V
Adjustable Output Voltage
3V
≤ VIN ≤ 7V (function of Vout),
10mA
≤ IOUT ≤ 5A
Vref
1.5
5.7
V
Output Voltage4
3V
≤ VIN ≤ 7V, 10mA ≤ IOUT ≤ 5A
1.47
1.5
1.53
V
Output Voltage5
4V
≤ VIN ≤ 7V, 10mA ≤ IOUT ≤ 5A
2.474
2.5
2.526
V
Output Voltage6
2.7V
≤ VIN ≤ 7V, 10mA ≤ IOUT ≤ 5A
1.176
1.200
1.224
V
Line Regulation1,2
1.75V
≤ VIN ≤ 5.5V, 2.5V ≤ VCNTL ≤ 12V,
IOUT = 10mA
•1
3
mV
Load Regulation1,2
VIN = 2.1V, VCNTL = 2.75V,
10mA
≤ IOUT ≤ 5A
•1
5
mV
Dropout Voltage Minimum
(VCNTL–VOUT)
VIN = 2.05V, ∆VREF = 1%, IOUT = 5A
1.05
1.18
V
Dropout Voltage Minimum
(VIN–VOUT)
VCNTL = 2.75V, ∆VREF = 1%,
IOUT = 5A
0.4
0.5
V
Dropout Voltage Minimum VIN
VCNTL = 2.75V, ∆VREF = 1%,
IOUT = 5A
0.5
0.6
V
Current Limit
VIN = 2.05V, VCNTL = 2.75V
5.2
A
Control Pin Current
VIN = 2.05V, VCNTL = 2.75V,
IOUT = 10mA
•3
6
mA
Adjust Pin Current3
VIN = 2.05V, VCNTL = 2.75V
50
120
µA
Minimum Load Current
VIN = 3.3V, VCNTL = 5V
5.0
10
mA
Ripple Rejection
VIN = 3.75V, VCNTL = 3.75V, f = 120Hz,
COUT = 22µF Tantalum, IOUT = 2.5A
60
80
dB
Thermal Resistance, Junction to
Case
TO-263
SPAK
3
2
°C/W
Thermal Regulation
TA = 25°C, 30ms pulse
0.002
0.02
%/W
Thermal Shutdown
150
°C


Numéro de pièce similaire - FAN1581D25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1582 FAIRCHILD-FAN1582 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582 FAIRCHILD-FAN1582 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D FAIRCHILD-FAN1582D Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-1.5 FAIRCHILD-FAN1582D-1.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1582D-2.5 FAIRCHILD-FAN1582D-2.5 Datasheet
393Kb / 12P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Description similaire - FAN1581D25X

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com