Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1084T33 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN1084T33
Description  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084T33 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN1084T33 Datasheet HTML 1Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 2Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 3Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084T33 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PRODUCT SPECIFICATION
FAN1084
REV. 1.0.8 11/10/03
3
Electrical Characteristics
Operating Conditions: 4.75
≤ VIN < 5.25V, Tj = 25°C unless otherwise specified.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is determined by input/
output differential and the output currrent. Guaranteed maximum output power will not be available over the full input/output
voltage range.
3. FAN1084 only.
4. Guaranteed by design.
5. FAN1084-1.5 only.
6. FAN1084-3.3 only.
Parameter
Conditions
Min.
Typ.
Max
Units
Reference Voltage3
Adj connected to ground, IOUT = 10mA
1.23
1.250
1.27
V
Output Voltage5
IOUT = 10mA
1.475
1.5
1.525
V
Output Voltage6
IOUT = 10mA
3.234
3.3
3.366
V
Line Regulation1, 2
IOUT = 10mA
0.5
2
%
Load Regulation1, 2
10mA
≤ IOUT ≤ 4.5A
0.5
2.5
%
Dropout Voltage
∆VREF% = 2%, IOUT = 4.5A
1.5
V
Current Limit
(VIN – VOUT) = 2V
5.5
A
Adjust Pin Current3
35
100
µ
Α
Mimimum Load Current4
1.5V
≤ (VIN – VOUT) ≤ 5.75V
10
mA
Quiescent Current4
VIN = 5V
4
mA
Thermal Resistance,
Junction to Case
TO-220
3
°C/W
TO-263 Center Cut, TO-252
3
°C/W
Thermal Shutdown4
150
°C
Typical Performance Characteristics
Figure 1. Maximum Power Dissipation
20
15
10
5
0
25
45
65
85
105
125
CASE TEMPERATURE


Numéro de pièce similaire - FAN1084T33

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1084T33

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com