Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1086D285X Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FAN1086D285X
Description  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086D285X Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FAN1086D285X Datasheet HTML 1Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 2Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 3Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 4Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 5Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 6Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 7Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 8Page - Fairchild Semiconductor FAN1086D285X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.0.7 11/10/03
Features
• Low dropout voltage
• Load regulation: 0.05% typical
• Trimmed current limit
• On-chip thermal limiting
• Standard SOT-223, TO-263, and TO-252 packages
• Three-terminal adjustable or fixed 2.5V, 2.85V, 3.3V, 5V
Applications
• Active SCSI terminators
• High efficiency linear regulators
• Post regulators for switching supplies
• Battery chargers
• 5V to 3.3V linear regulators
• Motherboard clock supplies
Description
The FAN1086 and FAN1086-2.5, -2.85, -3.3 and -5 are low
dropout three-terminal regulators with 1.5A output current
capability. These devices have been optimized for low voltage
where transient response and minimum input voltage are
critical. The 2.85V version is designed specifically to be
used in Active Terminators for SCSI bus.
Current limit is trimmed to ensure specified output current
and controlled short-circuit current. On-chip thermal limiting
provides protection against any combination of overload and
ambient temperatures that would create excessive junction
temperatures.
Unlike PNP type regulators where up to 10% of the output
current is wasted as quiescent current, the quiescent current
of the FAN1086 flows into the load, increasing efficiency.
The FAN1086 series regulators are available in the industry-
standard SOT-223, TO-263, and TO-252 power packages.
Typical Applications
VIN = 3.3V
VOUT = VREF(1 + R2/R1) + IAdj • R2
VIN
VOUT
ADJ
1.5V at 1.5A
FAN1086
10
µF22µF
R1
124
R2
24.9
VIN = 5V
VIN
VOUT
GND
2.85V at 1.5A
FAN1086-2.85
10
µF
++
+
+
22
µF
FAN1086
1.5A Adjustable/Fixed Low Dropout Linear Regulator


Numéro de pièce similaire - FAN1086D285X

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1086D285X

FabricantNo de pièceFiches techniqueDescription
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com