Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN1084M33 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN1084M33
Description  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084M33 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN1084M33 Datasheet HTML 1Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 2Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 3Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084M33 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FAN1084
PRODUCT SPECIFICATION
2
REV. 1.0.8 11/10/03
Pin Assignments
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VIN
7V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
–65
150
°C
Lead Temperature (Soldering, 10 seconds)
300
°C
GND OUT
FRONT VIEW
3-Lead Plastic TO-220
Θ
JC=3°C/W*
3-Lead Plastic TO-263
Θ
JC=3°C/W*
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
Θ
JA can vary from
30
°C/W to more than 40°C/W. Other mounting techniques may provide better power dissipation than 30°C/W.
FAN1084M-3.3 also available with uncut center lead.
FAN1084M-3.3
FAN1084M-1.5
IN
12
3
ADJ OUT
FRONT VIEW
IN
12
3
GND
FRONT VIEW
IN
12
3
FAN1084M
FAN1084T
FAN1084T-3.3
FAN1084T-1.5
ADJ
FRONT VIEW
IN
12
3
3-Lead Plastic TO-252
ΘJC=3°C/W*
FAN1084D-3.3
FAN1084D-1.5
GND
FRONT VIEW
IN
12
3
FAN1084D
ADJ
FRONT VIEW
IN
12
3
Tab is out.
Tab is out.


Numéro de pièce similaire - FAN1084M33

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Description similaire - FAN1084M33

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com