Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM96LS02M Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce DM96LS02M
Description  Dual Retriggerable Resettable Monostable Multivibrator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM96LS02M Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  DM96LS02M Datasheet HTML 1Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 2Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 3Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 4Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 5Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 6Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 7Page - Fairchild Semiconductor DM96LS02M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Switching Characteristics
VCC = +5.0V, TA = +25°C
Note 4: Applies only over commercial VCC and TA range for 96S02.
Symbol
Parameter
CL = 15 pF
Units
Min
Max
tPLH
Propagation Delay
55
ns
I0 to Q
tPHL
Propagation Delay
50
ns
I0 to Q
tPLH
Propagation Delay
60
ns
I1 to Q
tPHL
Propagation Delay
55
ns
I1 to Q
tPHL
Propagation Delay
30
ns
CD to Q
tPLH
Propagation Delay
35
ns
CD to Q
tW(L)
I0 Pulse Width LOW
15
ns
tW(H)
I1 Pulse With HIGH
30
ns
tW(L)
CD Pulse Width LOW
22
ns
tW(H)
Minimum Q Pulse Width HIGH
25
55
ns
tW
Q Pulse Width
4.1
4.5
µs
RX
Timing Resistor Range (Note 4)
1
1000
k
t
Change in Q Pulse
1.0
%
Width over Temperature
t
Change in Q Pulse
0.8
%
Width over VCC Range
1.5


Numéro de pièce similaire - DM96LS02M

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
National Semiconductor ...
DM96L02N NSC-DM96L02N Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96L02N FAIRCHILD-DM96L02N Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results

Description similaire - DM96LS02M

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Fairchild Semiconductor
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
   Dual Retriggerable Resettable Monostable Multivibrator
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com