Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM93L38N Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce DM93L38N
Description  8-Bit Multiple Port Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L38N Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  DM93L38N Datasheet HTML 1Page - Fairchild Semiconductor DM93L38N Datasheet HTML 2Page - Fairchild Semiconductor DM93L38N Datasheet HTML 3Page - Fairchild Semiconductor DM93L38N Datasheet HTML 4Page - Fairchild Semiconductor DM93L38N Datasheet HTML 5Page - Fairchild Semiconductor DM93L38N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all outputs OPEN and all input grounded.
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Norm
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.7
V
IOH
HIGH Level Output Current
−400
µA
IOL
LOW Level Output Current
4.8
mA
TA
Free Air Operating Temperature
−55
125
°C
tS (H)
Setup Time HIGH or LOW
30
ns
tS (L)
DA to CP
22
tH (H)
Hold Time HIGH or LOW
0
ns
tH (L)
DA to CP
−4.0
tS (H)
Setup Time HIGH or LOW
0
ns
tS (L)
An to CP
0
tH (H)
Hold Time HIGH or LOW
0
ns
tH (L)
An to CP
0
tW (H)
CP Pulse Width HIGH or LOW
40
ns
tW (L)
30
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −10 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min IOL = Max
0.3
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.3V
−2mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−2.5
−25
mA
ICC
Supply Current
VCC = Max (Note 4)
70
mA


Numéro de pièce similaire - DM93L38N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM93L14 FAIRCHILD-DM93L14 Datasheet
115Kb / 5P
   Quad Latch
DM93L14N FAIRCHILD-DM93L14N Datasheet
115Kb / 5P
   Quad Latch
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L28N FAIRCHILD-DM93L28N Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
More results

Description similaire - DM93L38N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
9338 NSC-9338 Datasheet
136Kb / 6P
   8-Bit Multiple Port Register
93L38 NSC-93L38 Datasheet
121Kb / 6P
   8-Bit Multiple Port Register
logo
Texas Instruments
9338 TI1-9338_11 Datasheet
374Kb / 8P
[Old version datasheet]   9338/DM9338 8-Bit Multiple Port Register
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Texas Instruments
SN74172 TI-SN74172 Datasheet
240Kb / 7P
[Old version datasheet]   16-BIT MULTIPLE-PORT REGISTER FILE WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
Texas Instruments
CY5474FCT377T TI-CY5474FCT377T Datasheet
71Kb / 7P
[Old version datasheet]   8-Bit Register
CY5474FCT273T TI-CY5474FCT273T Datasheet
78Kb / 7P
[Old version datasheet]   8-Bit Register
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com