Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM93L14 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce DM93L14
Description  Quad Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM93L14 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  DM93L14 Datasheet HTML 1Page - Fairchild Semiconductor DM93L14 Datasheet HTML 2Page - Fairchild Semiconductor DM93L14 Datasheet HTML 3Page - Fairchild Semiconductor DM93L14 Datasheet HTML 4Page - Fairchild Semiconductor DM93L14 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Functional Description
The DM93L14 consists of four latches with a common
active LOW Enable input and active LOW Master Reset
input. When the Enable goes HIGH, data present in the
latches is stored and the state of the latch is no longer
affected by the Sn and Dn inputs. the Master Reset when
activated overrides all other input conditions forcing all
latch outputs LOW. Each of the four latches can be oper-
ated in one of two modes:
D-TYPE LATCH—For D-type operation the S input of a
latch is held LOW. While the common Enable is active the
latch output follows the D input. Information present at the
latch output is stored in the latch when the Enable goes
HIGH.
SET/RESET LATCH—During set/reset operation when the
common Enable is LOW a latch is reset by a LOW on the D
input, and can be set by a LOW on the S input if the D input
is HIGH. If both S and D inputs are LOW, the D input will
dominate and the latch will be reset. When the Enable
goes HIGH, the latch remains in the last state prior to dis-
ablement. The two modes of latch operation are shown in
the Truth Table.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Qn−1 = Previous Output State
Qn = Present Output State
Logic Diagram
MR
E
D
S
Qn
Operation
H
L
LLL
D Mode
HL
HL
L
HH
X
X
Qn-1
H
L
LLL
R/S Mode
HL
HL
H
HL
L
H
L
HL
H
H
Qn-1
HH
X
X
Qn-1
L
X
X
X
L
RESET


Numéro de pièce similaire - DM93L14

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM93L28 FAIRCHILD-DM93L28 Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L28N FAIRCHILD-DM93L28N Datasheet
41Kb / 5P
   Dual 8-Bit Shift Register
DM93L38 FAIRCHILD-DM93L38 Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
DM93L38N FAIRCHILD-DM93L38N Datasheet
64Kb / 6P
   8-Bit Multiple Port Register
More results

Description similaire - DM93L14

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10168 MOTOROLA-MC10168 Datasheet
73Kb / 4P
   Quad Latch
logo
Texas Instruments
9314 TI1-9314_11 Datasheet
361Kb / 8P
[Old version datasheet]   Quad Latch
logo
Fairchild Semiconductor
DM74LS75 FAIRCHILD-DM74LS75 Datasheet
49Kb / 5P
   Quad Latch
logo
ON Semiconductor
MC10153 ONSEMI-MC10153_02 Datasheet
111Kb / 8P
   Quad Latch
January, 2002 ??Rev. 7
MC10153 ONSEMI-MC10153 Datasheet
107Kb / 5P
   Quad Latch
1996 REV 5
logo
National Semiconductor ...
93L14 NSC-93L14 Datasheet
106Kb / 6P
   Quad Latch
9314 NSC-9314 Datasheet
123Kb / 6P
   Quad Latch
logo
LANSDALE Semiconductor ...
ML43350 LANSDALE-ML43350 Datasheet
2Mb / 4P
   Quad Latch
logo
Motorola, Inc
MC10133 MOTOROLA-MC10133 Datasheet
89Kb / 4P
   Quad Latch
logo
Rohm
BU4042B ROHM-BU4042B Datasheet
53Kb / 4P
   Quad D latch
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com