Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74S280 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce DM74S280
Description  9-Bit Parity Generator/Checker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S280 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  DM74S280 Datasheet HTML 1Page - Fairchild Semiconductor DM74S280 Datasheet HTML 2Page - Fairchild Semiconductor DM74S280 Datasheet HTML 3Page - Fairchild Semiconductor DM74S280 Datasheet HTML 4Page - Fairchild Semiconductor DM74S280 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 4: ICC is measured with all inputs grounded and all outputs OPEN.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−1mA
IOL
LOW Level Output Current
20
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II=−18 mA
−1.2
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL =Max
0.5
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
50
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.5V
−2mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−40
−100
mA
ICC
Supply Current
VCC Max (Note 4)
67
105
mA
RL = 280Ω
RL = 280Ω
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to
∑ Even
21
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to
∑ Even
18
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Data to
∑ Odd
21
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to
∑ Odd
18
21
ns
HIGH-to-LOW Level Output


Numéro de pièce similaire - DM74S280

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74S283 FAIRCHILD-DM74S283 Datasheet
53Kb / 5P
   4-Bit Binary Adder with Fast Carry
DM74S283N FAIRCHILD-DM74S283N Datasheet
53Kb / 5P
   4-Bit Binary Adder with Fast Carry
logo
National Semiconductor ...
DM74S287 NSC-DM74S287 Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
DM74S287AJ NSC-DM74S287AJ Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
DM74S287AN NSC-DM74S287AN Datasheet
124Kb / 4P
   (256 x 4) 1024-BIT TTL PROM
More results

Description similaire - DM74S280

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
   9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
   9-bit Parity Generator/Checker
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com