Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM30N15-60D Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM30N15-60D
Description  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N15-60D Fiches technique(HTML) 1 Page - Analog Power

  AM30N15-60D Datasheet HTML 1Page - Analog Power AM30N15-60D Datasheet HTML 2Page - Analog Power AM30N15-60D Datasheet HTML 3Page - Analog Power AM30N15-60D Datasheet HTML 4Page - Analog Power AM30N15-60D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM30N15-60D
N-Channel 150-V (D-S) MOSFET
VDS (V)
ID(A)
22
18
Symbol
Limit
Units
VDS
150
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
22
IDM
60
IS
51
A
Power Dissipation
a
TC=25°C
PD
50
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
40
RθJC
3
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
PRODUCT SUMMARY
150
rDS(on) (mΩ)
69 @ VGS = 10V
110 @ VGS = 5.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
A
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM30N15-60D_1A


Numéro de pièce similaire - AM30N15-60D

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
AM30N15-60D VBSEMI-AM30N15-60D Datasheet
1,002Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM30N15-60D DOINGTER-AM30N15-60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Description similaire - AM30N15-60D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com