Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM30N15-60D Fiches technique(PDF) 4 Page - Analog Power

No de pièce AM30N15-60D
Description  N-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM30N15-60D Fiches technique(HTML) 4 Page - Analog Power

  AM30N15-60D Datasheet HTML 1Page - Analog Power AM30N15-60D Datasheet HTML 2Page - Analog Power AM30N15-60D Datasheet HTML 3Page - Analog Power AM30N15-60D Datasheet HTML 4Page - Analog Power AM30N15-60D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM30N15-60D
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0
2
4
6
8
10
0
10
20
30
40
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
50
100
150
200
250
300
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 40 °C /W
VDS = 75V
ID = 10A
© Preliminary
4
Publication Order Number:
DS_AM30N15-60D_1A


Numéro de pièce similaire - AM30N15-60D

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
AM30N15-60D VBSEMI-AM30N15-60D Datasheet
1,002Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM30N15-60D DOINGTER-AM30N15-60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Description similaire - AM30N15-60D

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com