Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM9799MMTR-G1 Fiches technique(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No de pièce AM9799MMTR-G1
Description  Single Phase Full-wave Low Voltage Fan Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM9799MMTR-G1 Fiches technique(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM9799MMTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM9799MMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Jun. 2011
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (TA=25°C, Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Output Current
IO (max)
1
A
FG Output Current
IFG
5
mA
FG Output Voltage
VFG
7
V
Lead Temperature (Soldering 10s)
260
°C
Power Dissipation
PD
585
mW
Junction Temperature
TJ
150
°C
Thermal Resistance (Die to Ambient)
θ
JA
214
°C/W
Storage Temperature Range
TSTG
-55 to 150
°C
ESD (Human Body Model) (Note 2)
ESD
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe
Electro Static Discharge control procedures whenever handling semiconductor products.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2
6
V
Hall Input Voltage Range
VH
0.4
VCC -1.1
V
Operating Temperature
TOP
-40
105
°C


Numéro de pièce similaire - AM9799MMTR-G1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM9799MMTR-G1 BCDSEMI-AM9799MMTR-G1 Datasheet
539Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Diodes Incorporated
AM9799MMTR-G1 DIODES-AM9799MMTR-G1 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
More results

Description similaire - AM9799MMTR-G1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AM9799 DIODES-AM9799 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB11862MC ONSEMI-LB11862MC Datasheet
152Kb / 6P
   Fan Motor Driver Single-Phase, Full-Wave
September 2015- Rev. 2
logo
List of Unclassifed Man...
AP1302 ETC1-AP1302 Datasheet
139Kb / 6P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11862M_0611 SANYO-LB11862M_0611 Datasheet
106Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com