Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4962GH-G1 Fiches technique(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

No de pièce AM4962GH-G1
Description  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4962GH-G1 Fiches technique(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM4962GH-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
4
Functional Block Diagram
Lock Shutdown
and
Auto Restart
Hall
Bias
Thermal
Shutdown
Hysteresis Amp
Control
Circuit
Triangle Wave
CT
VCC
RADJ
HB
HIN+
HIN-
VMIN
PWM
CF
GND
PGND
OUT1
OUT2
RD
FG
1 (1)
Pre-
driver
V+
2 (3)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)
8 (9)
9 (10)
10 (11)
11 (12)
12 (13)
13 (14)
14 (15)
(16)
V+
V+
V+
104k
42k
90k
54k
51k
56k
93k
18k
A (B)
A
HTSSOP-14
B
SSOP-16
Figure 3. Functional Block Diagram of AM4962
Truth Table (Note 1)
Items
IN-
IN+
CF
CT
OUT1
OUT2
FG
Mode
1
H
L
H
L
L
Rotation
2
L
H
L
L
H
Off
PWM off
3
H
L
Off
L
L
Rotation Recirculate
4
L
H
H
L
L
Off
Off
PWM off
5
H
L
H
Off
L
6
L
H
L
H
Off
H
Off
Lock Protection
Note 1: VCF(H)=5V, VCF(L) =1V, VCT(H)=5V, VCT(L) =0


Numéro de pièce similaire - AM4962GH-G1

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962GH-G1 DIODES-AM4962GH-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Description similaire - AM4962GH-G1

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com