Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS38M Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce DM74LS38M
Description  Quad 2-Input NAND Buffer with Open-Collector Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS38M Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  DM74LS38M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS38M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS38M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS38M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS38M Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 5.5V
250
µA
Output Current
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 12 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
0.9
2
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
6
12
mA
RL = 667Ω
Symbol
Parameter
CL = 45 pF
CL = 150 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
22
48
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
22
29
ns
HIGH-to-LOW Level Output


Numéro de pièce similaire - DM74LS38M

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS38M NSC-DM74LS38M Datasheet
62Kb / 2P
   QUAD 2-INPUT NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results

Description similaire - DM74LS38M

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
   Quad 2-Input NAND buffer open collector
1991 Feb 08
74F38 PHILIPS-74F38 Datasheet
70Kb / 8P
   Quad 2-input NAND buffer open collector
1990 Oct 04
logo
Fairchild Semiconductor
DM74ALS38A FAIRCHILD-DM74ALS38A Datasheet
48Kb / 4P
   Quadruple 2-Input NAND Buffer with Open-Collector Outputs
DM74LS03 FAIRCHILD-DM74LS03 Datasheet
48Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7403 FAIRCHILD-DM7403 Datasheet
35Kb / 3P
   Quad 2-Input NAND Gates with Open-Collector Outputs
DM7438 FAIRCHILD-DM7438 Datasheet
72Kb / 5P
   Quad 2-Input NAND Buffers with Open-Collector Outputs
logo
National Semiconductor ...
54LS38 NSC-54LS38 Datasheet
62Kb / 2P
   QUAD 2-INPUT NAND BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74S03 FAIRCHILD-DM74S03 Datasheet
31Kb / 3P
   Quad 2-Input NAND Gate with Open-Collector Outputs
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
   Quad 2-Input NAND Gate with Open Collector Outputs
logo
National Semiconductor ...
DM7401 NSC-DM7401 Datasheet
97Kb / 4P
   Quad 2-Input NAND Gates with Open-Collector Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com