Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS373SJ Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce DM74LS373SJ
Description  3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS373SJ Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  DM74LS373SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 7Page - Fairchild Semiconductor DM74LS373SJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
DM74LS373 Switching Characteristics
at VCC = 5V and TA = 25°C
Note 6: CL = 5 pF.
DM74LS374 Recommended Operating Conditions
Note 7: The symbol (
↑) indicates the rising edge of the clock pulse is used for reference.
Note 8: TA = 25°C and VCC = 5V.
RL = 667Ω
Symbol
Parameter
From (Input)
CL = 45 pF
CL = 150 pF
Units
To (Output)
Min
Max
Min
Max
tPLH
Propagation Delay Time
Data to Q
18
26
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Q
18
27
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Q
30
38
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Q
30
36
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control to Any Q
28
36
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control to Any Q
36
50
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control to Any Q
20
ns
from HIGH Level Output (Note 6)
tPLZ
Output Disable Time
Output Control to Any Q
25
ns
from LOW Level Output (Note 6)
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
tW
Pulse Width
Clock HIGH
15
ns
(Note 8)
Clock LOW
15
tSU
Data Setup Time (Note 7) (Note 8)
20
ns
tH
Data Hold Time (Note 7) (Note 8)
1
ns
TA
Free Air Operating Temperature
0
70
°C


Numéro de pièce similaire - DM74LS373SJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS373N NSC-DM74LS373N Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
DM74LS373WM NSC-DM74LS373WM Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
More results

Description similaire - DM74LS373SJ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LS373 TI-SN54LS373 Datasheet
331Kb / 24P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_16 Datasheet
1Mb / 30P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54LS373 TI1-SN54LS373_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
REVISED AUGUST 2002
logo
National Semiconductor ...
DM54LS373 NSC-DM54LS373 Datasheet
160Kb / 8P
   TRI-STATEE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops
logo
Texas Instruments
CD54-74AC374 TI-CD54-74AC374 Datasheet
466Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE TRIGGERED
CD54AC374 TI-CD54AC374_07 Datasheet
520Kb / 16P
[Old version datasheet]   Octal D-Type Flip-Flops, 3-State Positive-Edge Triggered
CD54-74AC564 TI-CD54-74AC564 Datasheet
246Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS, 3-STATE POSITIVE-EDGE-TRIGGERED
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com