Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS33N Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce DM74LS33N
Description  Quad 2-Input NOR Buffer with Open-Collector Outputs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS33N Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  DM74LS33N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS33N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS33N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS33N Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Output Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
VOH
HIGH Level Output Voltage
5.5
V
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
ICEX
HIGH Level
VCC = Min, VO = 5.5V,
100
µA
Output Current
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.5
Output Voltage
VIH = Min
V
IOL = 12 mA, VCC = Min
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.4
mA
ICCH
Supply Current with
VCC = Max
3.6
mA
Outputs HIGH
VIN = GND
ICCL
Supply Current with
VCC = Max
13.8
mA
Outputs LOW
VIN = Open
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
Units
Min
Max
tPLH
Propagation Delay Time
22
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
22
ns
HIGH-to-LOW Level Output


Numéro de pièce similaire - DM74LS33N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS33N NSC-DM74LS33N Datasheet
49Kb / 2P
   QUAD 2-INPUT NOR BUFFER WITH OPEN-COLLECTOR OUTPUTS
More results

Description similaire - DM74LS33N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54LS33 NSC-54LS33 Datasheet
49Kb / 2P
   QUAD 2-INPUT NOR BUFFER WITH OPEN-COLLECTOR OUTPUTS
54LS266 NSC-54LS266 Datasheet
54Kb / 2P
   QUAD 2-INPUT EXCLUSIVE-NOR GATE WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74LS266 FAIRCHILD-DM74LS266 Datasheet
45Kb / 4P
   Quad 2-Input Exclusive-NOR Gate with Open-Collector Outputs
DM74LS38 FAIRCHILD-DM74LS38 Datasheet
61Kb / 5P
   Quad 2-Input NAND Buffer with Open-Collector Outputs
logo
NXP Semiconductors
74ALS38A PHILIPS-74ALS38A Datasheet
85Kb / 7P
   Quad 2-Input NAND buffer open collector
1991 Feb 08
logo
Texas Instruments
SN54LS266 TI-SN54LS266 Datasheet
465Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-COLLECTOR OUTPUTS
SN5433 TI1-SN5433_12 Datasheet
502Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Renesas Technology Corp
HD74LS266 RENESAS-HD74LS266 Datasheet
146Kb / 4P
   Quadruple 2-input Exclusive-NOR Gates (with open collector outputs)
logo
Texas Instruments
SN54ALS33A TI-SN54ALS33A Datasheet
70Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
Hitachi Semiconductor
HD74LS266 HITACHI-HD74LS266 Datasheet
46Kb / 5P
   Quadruple 2-input Exclusive-NOR Gates(with open collector outputs)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com