Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM4431P Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM4431P
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4431P Fiches technique(HTML) 1 Page - Analog Power

  AM4431P Datasheet HTML 1Page - Analog Power AM4431P Datasheet HTML 2Page - Analog Power AM4431P Datasheet HTML 3Page - Analog Power AM4431P Datasheet HTML 4Page - Analog Power AM4431P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4431P
P-Channel 30-V (D-S) MOSFET
VDS (V)
ID(A)
-21
-17
Symbol
Limit
Units
VDS
-30
VGS
±20
TA=25°C
-21
TA=70°C
-17
IDM
-80
IS
-4.8
A
TA=25°C
3.1
TA=70°C
2.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
40
80
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
PRODUCT SUMMARY
-30
rDS(on) (mΩ)
5 @ VGS = -10V
7 @ VGS = -4.5V
Gate-Source Voltage
Parameter
Continuous Drain Current
a
ID
A
Continuous Source Current (Diode Conduction)
a
Power Dissipation
a
PD
W
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
°C/W
Steady State
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM4431P_1A


Numéro de pièce similaire - AM4431P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4430N ANALOGPOWER-AM4430N Datasheet
165Kb / 3P
   N-Channel 30-V (D-S) MOSFET
AM4432N ANALOGPOWER-AM4432N Datasheet
371Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4433P DOINGTER-AM4433P Datasheet
1Mb / 4P
   P-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4434N ANALOGPOWER-AM4434N Datasheet
165Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM4435 AITSEMI-AM4435 Datasheet
664Kb / 9P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results

Description similaire - AM4431P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com