Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS191M Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce DM74LS191M
Description  Synchronous 4-Bit Up/Down Counter with Mode Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS191M Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  DM74LS191M Datasheet HTML 1Page - Fairchild Semiconductor DM74LS191M Datasheet HTML 2Page - Fairchild Semiconductor DM74LS191M Datasheet HTML 3Page - Fairchild Semiconductor DM74LS191M Datasheet HTML 4Page - Fairchild Semiconductor DM74LS191M Datasheet HTML 5Page - Fairchild Semiconductor DM74LS191M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock
20
20
MHz
Frequency
tPLH
Propagation Delay Time
Load to
33
43
ns
LOW-to-HIGH Level Output
Any Q
tPHL
Propagation Delay Time
Load to
50
59
ns
HIGH-to-LOW Level Output
Any Q
tPLH
Propagation Delay Time
Data to
22
26
ns
LOW-to-HIGH Level Output
Any Q
tPHL
Propagation Delay Time
Data to
50
62
ns
HIGH-to-LOW Level Output
Any Q
tPLH
Propagation Delay Time
Clock to
20
24
ns
LOW-to-HIGH Level Output
Ripple Clock
tPHL
Propagation Delay Time
Clock to
24
33
ns
HIGH-to-LOW Level Output
Ripple Clock
tPLH
Propagation Delay Time
Clock to
24
29
ns
LOW-to-HIGH Level Output
Any Q
tPHL
Propagation Delay Time
Clock to
36
45
ns
HIGH-to-LOW Level Output
Any Q
tPLH
Propagation Delay Time
Clock to
42
47
ns
LOW-to-HIGH Level Output
Max/Min
tPHL
Propagation Delay Time
Clock to
52
65
ns
HIGH-to-LOW Level Output
Max/Min
tPLH
Propagation Delay Time
Up/Down to
45
50
ns
LOW-to-HIGH Level Output
Ripple Clock
tPHL
Propagation Delay Time
Up/Down to
45
54
ns
HIGH-to-LOW Level Output
Ripple Clock
tPLH
Propagation Delay Time
Down/Up to
33
36
ns
LOW-to-HIGH Level Output
Max/Min
tPHL
Propagation Delay Time
Down/Up to
33
42
ns
HIGH-to-LOW Level Output
Max/Min
tPLH
Propagation Delay Time
Enable to
33
36
ns
LOW-to-HIGH Level Output
Ripple Clock
tPHL
Propagation Delay Time
Enable to
33
42
ns
HIGH-to-LOW Level Output
Ripple Clock


Numéro de pièce similaire - DM74LS191M

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS191M NSC-DM74LS191M Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
More results

Description similaire - DM74LS191M

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54191 NSC-54191 Datasheet
129Kb / 6P
   Synchronous Up/Down 4-Bit Binary Counter with Mode Control
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
ON Semiconductor
SN54-74LS669 ONSEMI-SN54-74LS669 Datasheet
74Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
SN74LS669 ONSEMI-SN74LS669 Datasheet
132Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
July, 2006 ??Rev. 6
logo
Motorola, Inc
SN54LS669 MOTOROLA-SN54LS669 Datasheet
213Kb / 6P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
logo
National Semiconductor ...
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com