Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES80C188EC20 Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce ES80C188EC20
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

ES80C188EC20 Fiches technique(HTML) 9 Page - Intel Corporation

Back Button ES80C188EC20 Datasheet HTML 5Page - Intel Corporation ES80C188EC20 Datasheet HTML 6Page - Intel Corporation ES80C188EC20 Datasheet HTML 7Page - Intel Corporation ES80C188EC20 Datasheet HTML 8Page - Intel Corporation ES80C188EC20 Datasheet HTML 9Page - Intel Corporation ES80C188EC20 Datasheet HTML 10Page - Intel Corporation ES80C188EC20 Datasheet HTML 11Page - Intel Corporation ES80C188EC20 Datasheet HTML 12Page - Intel Corporation ES80C188EC20 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
80C186EC188EC 80L186EC188EC
Column 4 Output States (for O and IO types
only)
The state of an output or IO pin is de-
pendent on the operating mode of the
device There are four modes of opera-
tion that are different from normal active
mode Bus Hold Reset Idle Mode Pow-
erdown Mode This column describes
the output pin state in each of these
modes
The legend for interpreting the information in the Pin
Descriptions is shown in Table 1
As an example please refer to the table entry for
AD120 The ‘‘IO’’ signifies that the pins are bidirec-
tional (ie have both an input and output function)
The ‘‘S’’ indicates that as an input the signal must
be synchronized to CLKOUT for proper operation
The ‘‘H(Z)’’ indicates that these pins will float while
the processor is in the Hold Acknowledge state
R(Z) indicates that these pins will float while RESIN
is low P(0) and I(0) indicate that these pins will drive
0 when the device is in either Powerdown or Idle
Mode
Some pins the IO Ports for example can be pro-
grammed to perform more than one function Multi-
function pins have a ‘‘’’ in their signal name be-
tween the different functions (ie P30RXI1) If the
input pin type or output pin state differ between func-
tions then that will be indicated by separating the
state (or type) with a ‘‘’’ (ie H(X)H(Q)) In this
example when the pin is configured as P30 then its
hold output state is H(X) when configured as RXI1
its output state is H(Q)
All pins float while the processor is in the ONCE
Mode (with the exception of OSCOUT)
Table 1 Pin Description Nomenclature
Symbol
Description
P
Power Pin (apply a VCC voltage)
G
Ground (connect to VSS)
I
Input only pin
O
Output only pin
IO
InputOutput pin
S(E)
Synchronous edge sensitive
S(L)
Synchronous level sensitive
A(E)
Asynchronous edge sensitive
A(L)
Asynchronous level sensitive
H(1)
Output driven to VCC during bus hold
H(0)
Output driven to VSS during bus hold
H(Z)
Output floats during bus hold
H(Q)
Output remains active during bus hold
H(X)
Output retains current state during bus hold
R(WH)
Output weakly held at VCC during reset
R(1)
Output driven to VCC during reset
R(0)
Output driven to VSS during reset
R(Z)
Output floats during reset
R(Q)
Output remains active during reset
R(X)
Output retains current state during reset
I(1)
Output driven to VCC during Idle Mode
I(0)
Output driven to VSS during Idle Mode
I(Z)
Output floats during Idle Mode
I(Q)
Output remains active during Idle Mode
I(X)
Output retains current state during Idle Mode
P(1)
Output driven to VCC during Powerdown Mode
P(0)
Output driven to VSS during Powerdown Mode
P(Z)
Output floats during Powerdown Mode
P(Q)
Output remains active during Powerdown Mode
P(X)
Output retains current state during Powerdown Mode
9


Numéro de pièce similaire - ES80C188EC20

FabricantNo de pièceFiches techniqueDescription
logo
InnovASIC, Inc
ES80C188EB20 INNOVASIC-ES80C188EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
ES80C188EB20 INNOVASIC-ES80C188EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Description similaire - ES80C188EC20

FabricantNo de pièceFiches techniqueDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com