Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS161A Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce DM74LS161A
Description  Synchronous 4-Bit Binary Counters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS161A Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button DM74LS161A Datasheet HTML 2Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 3Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 4Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 5Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 6Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 7Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 8Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 9Page - Fairchild Semiconductor DM74LS161A Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.fairchildsemi.com
8
DM74LS163A Switching Characteristics
at VCC = 5V and TA = 25°C
Note 14: The propagation delay clear to output is measured from the clock input transition.
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
25
20
MHz
tPLH
Propagation Delay Time
Clock to
25
30
ns
LOW-to-HIGH Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clock to
30
38
ns
HIGH-to-LOW Level Output
Ripple Carry
tPLH
Propagation Delay Time
Clock to Any Q
22
27
ns
LOW-to-HIGH Level Output
(Load HIGH)
tPHL
Propagation Delay Time
Clock to Any Q
27
38
ns
HIGH-to-LOW Level Output
(Load HIGH)
tPLH
Propagation Delay Time
Clock to Any Q
24
30
ns
LOW-to-HIGH Level Output
(Load LOW)
tPHL
Propagation Delay Time
Clock to Any Q
27
38
ns
HIGH-to-LOW Level Output
(Load LOW)
tPLH
Propagation Delay Time
Enable T to
14
27
ns
LOW-to-HIGH Level Output
Ripple Carry
tPHL
Propagation Delay Time
Enable T to
15
27
ns
HIGH-to-LOW Level Output
Ripple Carry
tPHL
Propagation Delay Time
Clear to Any Q
28
45
ns
HIGH-to-LOW Level Output
(Note 14)


Numéro de pièce similaire - DM74LS161A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS161A NSC-DM74LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
256Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
National Semiconductor ...
DM74LS161AE NSC-DM74LS161AE Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
DM74LS161AJ NSC-DM74LS161AJ Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
DM74LS161AM NSC-DM74LS161AM Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
More results

Description similaire - DM74LS161A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com