Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C550C Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TL16C550C
Description  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550C Fiches technique(HTML) 4 Page - Texas Instruments

  TL16C550C_12 Datasheet HTML 1Page - Texas Instruments TL16C550C_12 Datasheet HTML 2Page - Texas Instruments TL16C550C_12 Datasheet HTML 3Page - Texas Instruments TL16C550C_12 Datasheet HTML 4Page - Texas Instruments TL16C550C_12 Datasheet HTML 5Page - Texas Instruments TL16C550C_12 Datasheet HTML 6Page - Texas Instruments TL16C550C_12 Datasheet HTML 7Page - Texas Instruments TL16C550C_12 Datasheet HTML 8Page - Texas Instruments TL16C550C_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
auto-CTS and auto-RTS functional timing
Start
Bits 0 − 7
Start
Bits 0 − 7
Start
Bits 0 − 7
Stop
Stop
Stop
SOUT
CTS
NOTES: A. When CTS is low, the transmitter keeps sending serial data out.
B. If CTS goes high before the middle of the last stop bit of the current byte, the transmitter finishes sending the current byte but it does
not send the next byte.
C. When CTS goes from high to low, the transmitter begins sending data again.
Figure 2. CTS Functional Timing Waveforms
The receiver FIFO trigger level can be set to 1, 4, 8, or 14 bytes. These are described in Figures 3 and 4.
Start
Byte N
Start
Byte N+1
Start
Byte
Stop
Stop
Stop
SIN
RTS
RD
(RD RBR)
12
N
N+1
NOTES: A. N = RCV FIFO trigger level (1, 4, or 8 bytes)
B. The two blocks in dashed lines cover the case where an additional byte is sent as described in the preceding auto-RTS section.
Figure 3. RTS Functional Timing Waveforms, RCV FIFO Trigger Level = 1,4, or 8 Bytes
Byte 14
Byte 15
SIN
RTS
RD
(RD RBR)
Start
Byte 18 Stop
Start
Byte 16
Stop
RTS Released After the
First Data Bit of Byte 16
NOTES: A. RTS is deasserted when the receiver receives the first data bit of the sixteenth byte. The receive FIFO is full after finishing the
sixteenth byte.
B. RTS is asserted again when there is at least one byte of space available and no incoming byte is in processing or there is more than
one byte of space available.
C. When the receive FIFO is full, the first receive buffer register read reasserts RTS.
Figure 4. RTS Functional Timing Waveforms, RCV FIFO Trigger Level = 14 Bytes


Numéro de pièce similaire - TL16C550C_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

Description similaire - TL16C550C_12

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com