Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74AS651 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce DM74AS651
Description  Octal Bus Transceiver and Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS651 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  DM74AS651 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 5Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 6Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 7Page - Fairchild Semiconductor DM74AS651 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
www.fairchildsemi.com
DM74AS651 Switching Characteristics
Note 4: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
90
MHz
tPLH
Propagation Delay Time
R1 = R2 = 500Ω
28.5
ns
LOW-to-HIGH Level Output
CL = 50 pF
CBA or CAB
A or B
tPHL
Propagation Delay Time
29
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
28
ns
LOW-to-HIGH Level Output
A or B
B or A
tPHL
Propagation Delay Time
17
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
211
ns
LOW-to-HIGH Level Output
SBA or SAB
A or B
tPHL
Propagation Delay Time
(Note 4)
29
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
210
ns
to HIGH Level Output
tPZL
Output Enable Time
316
ns
to LOW Level Output
Enable GBA
A
tPHZ
Output Disable Time
29
ns
from HIGH Level Output
tPLZ
Output Disable Time
29
ns
from LOW Level Output
tPZH
Output Disable Time
311
ns
to HIGH Level Output
tPZL
Output Disable Time
316
ns
to LOW Level Output
Enable GAB
B
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
tPLZ
Output Disable Time
211
ns
from LOW Level Output


Numéro de pièce similaire - DM74AS651

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651NT FAIRCHILD-DM74AS651NT Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651NT FAIRCHILD-DM74AS651NT Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651WM FAIRCHILD-DM74AS651WM Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651WM FAIRCHILD-DM74AS651WM Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
More results

Description similaire - DM74AS651

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74AS652WMX FAIRCHILD-DM74AS652WMX Datasheet
74Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com