Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3LV-NZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM3LV-NZ
Description  3 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM3LV-NZ Fiches technique(HTML) 1 Page - AIMTEC

  AM3LV-NZ_13 Datasheet HTML 1Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 2Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 3Page - AIMTEC AM3LV-NZ_13 Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM3LV-NZ
3 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.B
1 of 4
North America only
FEATURES:
SMD package
Operating temperature: -40°C to +85°C
Wide (2:1) input range
Regulated single/dual output
1500VDC isolation
MTBF>1,000,000 hours
Continuous short circuit protection
RoHS compliant
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM3LV-1205S-NZ
9-18
5
600
1500
74
AM3LV-1212S-NZ
9-18
12
250
1500
78
AM3LV-1215S-NZ
9-18
15
200
1500
80
AM3LV-2405S-NZ
18-36
5
600
1500
76
AM3LV-2412S-NZ
18-36
12
250
1500
80
AM3LV-2415S-NZ
18-36
15
200
1500
80
AM3LV-4805S-NZ
36-72
5
600
1500
76
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VDC)
Efficiency
(%)
AM3LV-1205D-NZ
9-18
±5
±300
1500
76
AM3LV-1212D-NZ
9-18
±12
±125
1500
80
AM3LV-1215D-NZ
9-18
±15
±100
1500
80
AM3LV-2405D-NZ
18-36
±5
±300
1500
76
AM3LV-2412D-NZ
18-36
±12
±125
1500
80
AM3LV-2415D-NZ
18-36
±15
±100
1500
80
NOTE: Unless otherwise specified, all specifications are measured at an ambient temperature of 25°C, humidity<75%, nominal input
voltage and at rated output load.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
12
24
48
9-18
18-36
36-72
VDC
Absolute Maximum Rating
12
24
48
22
40
80
VDC
Peak Input Voltage time
100
ms
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1500
VDC
Resistance
At 500 Vdc
1000
MOhm
Capacitance
Input to Output
1000
pF


Numéro de pièce similaire - AM3LV-NZ_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3LV-NZ AIMTEC-AM3LV-NZ_16 Datasheet
336Kb / 4P
   3 Watt | DC-DC Converter
More results

Description similaire - AM3LV-NZ_13

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_16 Datasheet
190Kb / 5P
   3 Watt | DC-DC Converter
AM3F-Z AIMTEC-AM3F-Z_16 Datasheet
362Kb / 3P
   3 Watt | DC-DC Converter
AM3T-Z AIMTEC-AM3T-Z_16 Datasheet
136Kb / 4P
   3 Watt | DC-DC Converter
logo
Wall Industries,Inc.
LANEW3 WALL-LANEW3_16 Datasheet
172Kb / 4P
   3 Watt DC/DC Converter
logo
AIMTEC
AM3G-NZ AIMTEC-AM3G-NZ_11 Datasheet
360Kb / 3P
   3 Watt | DC-DC Converter
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
   3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
   3 Watt | DC-DC Converter
AM3TW-RVZ AIMTEC-AM3TW-RVZ Datasheet
295Kb / 3P
   3 Watt | DC-DC Converter
AM3T-VZ AIMTEC-AM3T-VZ Datasheet
592Kb / 5P
   3 Watt | DC-DC Converter
AM3G-Z AIMTEC-AM3G-Z_13 Datasheet
280Kb / 5P
   3 Watt | DC-DC Converter
AM3N-S-Z AIMTEC-AM3N-S-Z_13 Datasheet
279Kb / 4P
   3 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com