Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT46WJ Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAT46WJ
Description  Single Schottky barrier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT46WJ Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAT46WJ Datasheet HTML 1Page - NXP Semiconductors BAT46WJ Datasheet HTML 2Page - NXP Semiconductors BAT46WJ Datasheet HTML 3Page - NXP Semiconductors BAT46WJ Datasheet HTML 4Page - NXP Semiconductors BAT46WJ Datasheet HTML 5Page - NXP Semiconductors BAT46WJ Datasheet HTML 6Page - NXP Semiconductors BAT46WJ Datasheet HTML 7Page - NXP Semiconductors BAT46WJ Datasheet HTML 8Page - NXP Semiconductors BAT46WJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BAT46WJ
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
4 of 12
NXP Semiconductors
BAT46WJ
Single Schottky barrier diode
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
[2]
When switched from IF = 10 mA to IR =10mA; RL = 100 ; measured at IR =1mA.
Table 7.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 0.1 mA
-
175
200
mV
IF = 10 mA
-
315
350
mV
IF =10mA; Tj = 40 C
-
-
470
mV
IF = 50 mA
-
415
475
mV
IF =50mA; Tj = 40 C
-
-
560
mV
IF = 250 mA
-
710
850
mV
IR
reverse current
[1]
VR = 1.5 V
-
0.2
0.5
A
VR = 1.5 V; Tj =60 C
--12
A
VR =10V
-
0.3
0.8
A
VR =10V; Tj =60 C
--20
A
VR =50V
-
0.7
2
A
VR =50V; Tj =60 C
--44
A
VR =75V
-
1
4
A
VR =75V; Tj =60 C
--80
A
VR =100 V
-
2
9
A
VR =100 V; Tj =60 C
-
-
120
A
VR =100 V; Tj =85 C
-
-
600
A
Cd
diode capacitance
f = 1 MHz
VR = 0 V
--39
pF
VR = 1 V
--21
pF
trr
reverse recovery time
[2] -5.9
-ns


Numéro de pièce similaire - BAT46WJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT46WJ NEXPERIA-BAT46WJ Datasheet
274Kb / 11P
   Schottky barrier diode
1 October 2022
BAT46WJ-Q NEXPERIA-BAT46WJ-Q Datasheet
260Kb / 13P
   Schottky barrier diode
23 August 2021
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ_15 Datasheet
188Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
More results

Description similaire - BAT46WJ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com