Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3455P Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM3455P
Description  P-Channel 30V (D-S) MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3455P Fiches technique(HTML) 1 Page - Analog Power

  AM3455P Datasheet HTML 1Page - Analog Power AM3455P Datasheet HTML 2Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
AM3455P
Analog Power
April, 2004 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM3455_B
These miniature surface mount MOSFETs
utilize High Cell Density process. Low r
DS(on)
assures minimal power loss and conserves
energy, making this device ideal for use in
power management circuitry. Typical
applications are power switch, power
management in portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
VDS (V)
rDS(on) (Ω)ID (A)
0.112 @ VGS = 10 V
3.4
0.172 @ VGS = 4.5V
2.7
PRODUCT SUMMARY
-30
P-Channel 30V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Low Gate Charge
Fast Switch
Miniature TSOP-6 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
oC3.4
TA=70
oC2.6
IDM
±20
IS
1.7
A
TA=25
oC2.0
TA=70
oC1.3
TJ, Tstg -55 to 150
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Symbol Maximum Units
t <= 5 sec
62.5
Steady-State
110
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
1
2
34
5
6


Numéro de pièce similaire - AM3455P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM3454N ANALOGPOWER-AM3454N Datasheet
219Kb / 5P
   N-Channel 30-V (D-S) MOSFET
AM3456N ANALOGPOWER-AM3456N Datasheet
135Kb / 2P
   N-Channel 30V (D-S) MOSFET
AM3456NE ANALOGPOWER-AM3456NE Datasheet
211Kb / 3P
   N-Channel 30V (D-S) MOSFET
AM3457P ANALOGPOWER-AM3457P Datasheet
368Kb / 5P
   P-Channel 30-V (D-S) MOSFET
AM3457PE ANALOGPOWER-AM3457PE Datasheet
148Kb / 5P
   P-Channel 30-V (D-S) MOSFET
More results

Description similaire - AM3455P

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
LP8104DT1AG LRC-LP8104DT1AG Datasheet
414Kb / 5P
   30V P-Channel (D-S) MOSFET
logo
Analog Power
AM2329P ANALOGPOWER-AM2329P Datasheet
139Kb / 3P
   P-Channel 30V (D-S) MOSFET
logo
First Silicon Co., Ltd
FTK2303 FS-FTK2303 Datasheet
369Kb / 4P
   P-Channel 30V(D-S) MOSFET
logo
Leshan Radio Company
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
   30V P-Channel (D-S) MOSFET VDS = -30V
LP3401ALT1G LRC-LP3401ALT1G Datasheet
852Kb / 3P
   P-Channel 30V( D - S) MOSFET VDS =-30V
logo
Bookly Micro electronic
BM3407 BOOKLY-BM3407 Datasheet
106Kb / 5P
   P-Channel 30V (D-S) 4A P-MOSFET
BM3401 BOOKLY-BM3401 Datasheet
202Kb / 5P
   P-Channel 30V (D-S) 4.5A P-MOSFET
logo
Shenzhen Tuofeng Semico...
4953 TUOFENG-4953 Datasheet
3Mb / 5P
   Dual P-Channel -30V(D-S) MOSFET
Feb,2018 V1.0
logo
TECH PUBLIC Electronics...
APM4953 TECHPUBLIC-APM4953 Datasheet
1Mb / 5P
   Dual P-Channel 30V (D-S) MOSFET
logo
Taiwan Semiconductor Co...
TSM8568CS TSC-TSM8568CS Datasheet
612Kb / 11P
   N- and P-Channel 30V (D-S) Power MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com