Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74ALS175SJ Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce DM74ALS175SJ
Description  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS175SJ Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS175SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS175SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006112
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS174 • DM74ALS175
Hex/Quad D-Type Flip-Flops with Clear
General Description
These positive-edge-triggered flip-flops utilize TTL circuitry
to implement D-type flip-flop logic. Both have an asynchro-
nous clear input, and the quad (DM74ALS175) version fea-
tures complementary outputs from each flip-flop.
Information at the D inputs meeting the setup time require-
ments is transferred to the Q outputs on the positive-going
edge of the clock pulse. Clock triggering occurs at a partic-
ular voltage level and is not directly related to the transition
time of the positive-going pulse. When the clock input is at
either the HIGH or LOW level, the D input signal has no
effect at the output.
Features
s Advanced oxide-isolated ion-implanted Schottky TTL
process
s Pin and functional compatible with LS family counterpart
s Typical clock frequency maximum is 80 MHz
s Switching performance guaranteed over full temperature
and VCC supply range
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
DM74ALS174
DM74ALS175
Ordering Code
Package Number
Package Description
DM74ALS174M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS174SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS174N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
DM74ALS175M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS175SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS175N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide


Numéro de pièce similaire - DM74ALS175SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS175SJ FAIRCHILD-DM74ALS175SJ Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
More results

Description similaire - DM74ALS175SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com