Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74ALS240A Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce DM74ALS240A
Description  Octal 3-STATE Bus Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS240A Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS240A Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS240A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise specified)
Supply Voltage, VCC
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
60.5
°C/W
M Package
79.8
°C/W
Symbol
Parameter
Min
Typ
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−15
mA
IOL
LOW Level Output Current
24
mA
TA
Operating Free Air Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V to 5.5V
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V
IOH = −3 mA
2.4
V
IOH = Max
2
V
VOL
LOW Level
VCC = 4.5V
0.35
0.5
V
Output Voltage
IOL = Max
II
Input Current at Max
VCC = 5.5V, VI = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
HIGH Level 3-STATE
VCC = 5.5V, VO = 2.7V
20
µA
Output Current
IOZL
LOW Level 3-STATE
VCC = 5.5V, VO = 0.4V
−20
µA
Output Current
ICC
Supply Current
VCC = 5.5V, ALS240A
410
mA
Outputs HIGH
Outputs LOW
13
23
mA
Outputs 3-STATE
14
25
mA
VCC = 5.5V, ALS241A
915
mA
Outputs HIGH
Outputs LOW
15
26
mA
Outputs 3-STATE
17
30
mA


Numéro de pièce similaire - DM74ALS240A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AN FAIRCHILD-DM74ALS240AN Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240ASJ FAIRCHILD-DM74ALS240ASJ Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240AWM FAIRCHILD-DM74ALS240AWM Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
More results

Description similaire - DM74ALS240A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A_07 Datasheet
350Kb / 9P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com