Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4107BCPZ Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADF4107BCPZ
Description  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4107BCPZ Fiches technique(HTML) 3 Page - Analog Devices

  ADF4107BCPZ Datasheet HTML 1Page - Analog Devices ADF4107BCPZ Datasheet HTML 2Page - Analog Devices ADF4107BCPZ Datasheet HTML 3Page - Analog Devices ADF4107BCPZ Datasheet HTML 4Page - Analog Devices ADF4107BCPZ Datasheet HTML 5Page - Analog Devices ADF4107BCPZ Datasheet HTML 6Page - Analog Devices ADF4107BCPZ Datasheet HTML 7Page - Analog Devices ADF4107BCPZ Datasheet HTML 8Page - Analog Devices ADF4107BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADF4107
Rev. D | Page 3 of 20
SPECIFICATIONS
AVDD = DVDD = 3 V ± 10%, AVDD ≤ VP ≤ 5.5 V, AGND = DGND = CPGND = 0 V, RSET = 5.1 kΩ, dBm referred to 50 Ω, TA = TMAX to TMIN,
unless otherwise noted.
Table 1.
Parameter
BVersion1
B Chips2 (Typ)
Unit
Test Conditions/Comments
RF CHARACTERISTICS
RF Input Frequency (RFIN)3
1.0/7.0
1.0/7.0
GHz min/max
See Figure 18 for input circuit
RF Input Sensitivity
–5/+5
–5/+5
dBm min/max
Maximum Allowable Prescaler Output
Frequency4
300
300
MHz max
REFIN CHARACTERISTICS
REFIN Input Frequency
20/250
20/250
MHz min/max
For f < 20 MHz, ensure slew rate >50 V/µs
REFIN Input Sensitivity5
0.8/VDD
0.8/VDD
V p-p min/max
Biased at AVDD/26
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
µA max
PHASE DETECTOR
Phase Detector Frequency7
104
104
MHz max
ABP = 0,0 (2.9 ns antibacklash pulse width)
CHARGE PUMP
Programmable; see Figure 25
ICP Sink/Source
High Value
5
5
mA typ
With RSET = 5.1 kΩ
Low Value
625
625
µA typ
Absolute Accuracy
2.5
2.5
% typ
With RSET = 5.1 kΩ
RSET Range
3.0 to 11
3.0 to 11
kΩ typ
See Figure 25
ICP Three-State Leakage
1
1
nA typ
Sink and Source Current Matching
2
2
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. VCP
1.5
1.5
% typ
0.5 V ≤ VCP ≤ VP − 0.5 V
ICP vs. Temperature
2
2
% typ
VCP = VP/2
LOGIC INPUTS
VIH, Input High Voltage
1.4
1.4
V min
VIL, Input Low Voltage
0.6
0.6
V max
IINH, IINL, Input Current
±1
±1
µA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
1.4
1.4
V min
Open-drain output chosen; 1 kΩ pull-up
resistor to 1.8 V
VOH, Output High Voltage
VDD − 0.4
VDD − 0.4
V min
CMOS output chosen
IOH
100
100
µA max
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 µA
POWER SUPPLIES
AVDD
2.7/3.3
2.7/3.3
V min/V max
DVDD
AVDD
AVDD
VP
AVDD/5.5
AVDD/5.5
V min/V max
AVDD ≤ VP ≤ 5.5 V
IDD8 (AIDD + DIDD)
17
15
mA max
15 mA typ
IP
0.4
0.4
mA max
TA = 25°C
Power-Down Mode9 (AIDD + DIDD)
10
10
µA typ
NOISE CHARACTERISTICS
Normalized Phase Noise Floor (PNSYNTH)10
−223
−223
dBc/Hz typ
PLL loop BW = 500 kHz, measured at
100 kHz offset
Normalized 1/f Noise (PN1_f)11
−122
−122
dBc/Hz typ
10 kHz offset; normalized to 1 GHz


Numéro de pièce similaire - ADF4107BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ-REEL AD-ADF4107BCPZ-REEL Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ-REEL7 AD-ADF4107BCPZ-REEL7 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
More results

Description similaire - ADF4107BCPZ

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com