Moteur de recherche de fiches techniques de composants électroniques |
|
AD7943BNZ Fiches technique(PDF) 1 Page - Analog Devices |
|
AD7943BNZ Fiches technique(HTML) 1 Page - Analog Devices |
1 / 16 page FUNCTIONAL BLOCK DIAGRAMS VDD RFB DGND AD7948 DB7–DB0 DF/ DOR CTRL LDAC WR CSLSB CSMSB IOUT1 AGND VREF 12-BIT DAC 12 12 DATA OVERRIDE LOGIC 12 DAC REGISTER 12 INPUT REGISTERS CONTROL LOGIC DATA STEERING LOGIC 8 CS WR VDD RFB IOUT1 AGND VREF DGND DB11–DB0 AD7945 12-BIT DAC 12 INPUT LATCH 12 AD7943 VDD RFB IOUT1 AGND IOUT2 SRO STB1 DGND STB2 STB3 STB4 CLR LD1 LD2 SRI VREF 12-BIT DAC DAC REGISTER INPUT SHIFT REGISTER REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a +3.3 V/+5 V Multiplying 12-Bit DACs AD7943/AD7945/AD7948 FEATURES 12-Bit Multiplying DACs Guaranteed Specifications with +3.3 V/+5 V Supply 0.5 LSBs INL and DNL Low Power: 5 W typ Fast Interface 40 ns Strobe Pulsewidth (AD7943) 40 ns Write Pulsewidth (AD7945, AD7948) Low Glitch: 60 nV-s with Amplifier Connected Fast Settling: 600 ns to 0.01% with AD843 APPLICATIONS Battery-Powered Instrumentation Laptop Computers Upgrades for All 754x Series DACs (5 V Designs) GENERAL DESCRIPTION The AD7943, AD7945 and AD7948 are fast 12-bit multiplying DACs that operate from a single +5 V supply (Normal Mode) and a single +3.3 V to +5 V supply (Biased Mode). The AD7943 has a serial interface, the AD7945 has a 12-bit parallel interface, and the AD7948 has an 8-bit byte interface. They will replace the industry-standard AD7543, AD7545 and AD7548 in many applications, and they offer superior speed and power consumption performance. The AD7943 is available in 16-lead DIP, 16-lead SOP (Small Outline Package) and 20-lead SSOP (Shrink Small Outline Package). The AD7945 is available in 20-lead DIP, 20-lead SOP and 20- lead SSOP. The AD7948 is available in 20-lead DIP, 20-lead SOP and 20- lead SSOP. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 1998 |
Numéro de pièce similaire - AD7943BNZ |
|
Description similaire - AD7943BNZ |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |