Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS420-600B Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce TS420-600B
Description  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-600B Fiches technique(HTML) 1 Page - STMicroelectronics

  TS420-600B Datasheet HTML 1Page - STMicroelectronics TS420-600B Datasheet HTML 2Page - STMicroelectronics TS420-600B Datasheet HTML 3Page - STMicroelectronics TS420-600B Datasheet HTML 4Page - STMicroelectronics TS420-600B Datasheet HTML 5Page - STMicroelectronics TS420-600B Datasheet HTML 6Page - STMicroelectronics TS420-600B Datasheet HTML 7Page - STMicroelectronics TS420-600B Datasheet HTML 8Page - STMicroelectronics TS420-600B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
January 2010
Doc ID 5203 Rev 4
1/11
11
TS420
Sensitive gate 4 A SCRs
Features
On-state rms current, 4 A
Repetitive peak off-state voltages,
600 and 700 V
Triggering gate current, 0.2 mA
Description
Thanks to highly sensitive triggering levels, the
TS420 series is suitable for all applications where
the available gate current is limited, such as motor
control for hand tools, kitchen aids, overvoltage
crowbar protection for low power supplies among
others.
Available in through-hole or surface-mount
packages, they provide an optimized performance
in a limited space area.
A
K
G
A
A
K
G
A
K
G
A
A
K
G
A
DPAK
TS420-B
IPAK
TS420-H
TO-220AB
TS420-T
Table 1.
Device summary
Order code
Voltage (xxx)
Sensitivity
Package
600 V
700 V
TS420-xxxB
X
X
0.2 mA
DPAK
TS420-xxxH
X
X
0.2 mA
IPAK
TS420-xxxT
X
X
0.2 mA
TO-220AB
www.st.com


Numéro de pièce similaire - TS420-600B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TS420-600B STMICROELECTRONICS-TS420-600B Datasheet
139Kb / 8P
   4A SCRs
logo
Kersemi Electronic Co.,...
TS420-600B KERSEMI-TS420-600B Datasheet
469Kb / 8P
   4A SCRs
logo
Inchange Semiconductor ...
TS420-600B ISC-TS420-600B Datasheet
227Kb / 1P
   isc Thyristors
logo
STMicroelectronics
TS420-600B-TR STMICROELECTRONICS-TS420-600B-TR Datasheet
139Kb / 8P
   4A SCRs
More results

Description similaire - TS420-600B

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com