Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2906QG3 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce UC2906QG3
Description  Sealed Lead-Acid Battery Charger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2906QG3 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button UC2906QG3 Datasheet HTML 5Page - Texas Instruments UC2906QG3 Datasheet HTML 6Page - Texas Instruments UC2906QG3 Datasheet HTML 7Page - Texas Instruments UC2906QG3 Datasheet HTML 8Page - Texas Instruments UC2906QG3 Datasheet HTML 9Page - Texas Instruments UC2906QG3 Datasheet HTML 10Page - Texas Instruments UC2906QG3 Datasheet HTML 11Page - Texas Instruments UC2906QG3 Datasheet HTML 12Page - Texas Instruments UC2906QG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-May-2013
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UC3906QTRG3
ACTIVE
PLCC
FN
20
TBD
Call TI
Call TI
-20 to 70
UC3906Q
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Numéro de pièce similaire - UC2906QG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2906QG3 TI1-UC2906QG3 Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results

Description similaire - UC2906QG3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-6500A-C POWER-SONIC-PSC-6500A-C Datasheet
335Kb / 1P
   Sealed Lead Acid Battery Charger
PSC-124000A-C POWER-SONIC-PSC-124000A-C Datasheet
337Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Silver Telecom 2019
AG103 SILVERTEL-AG103 Datasheet
459Kb / 19P
   Intelligent Sealed Lead Acid Solar Battery Charger
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
Silver Telecom 2019
AG102 SILVERTEL-AG102 Datasheet
287Kb / 15P
   Intelligent Sealed Lead Acid Battery Charger Module
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com