Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3150A Fiches technique(PDF) 2 Page - Leshan Radio Company

No de pièce SM3150A
Description  Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM3150A Fiches technique(HTML) 2 Page - Leshan Radio Company

  SM3150A Datasheet HTML 1Page - Leshan Radio Company SM3150A Datasheet HTML 2Page - Leshan Radio Company SM3150A Datasheet HTML 3Page - Leshan Radio Company SM3150A Datasheet HTML 4Page - Leshan Radio Company SM3150A Datasheet HTML 5Page - Leshan Radio Company SM3150A Datasheet HTML 6Page - Leshan Radio Company SM3150A Datasheet HTML 7Page - Leshan Radio Company SM3150A Datasheet HTML 8Page - Leshan Radio Company SM3150A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
SM3150A thru SM3200A
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
Fig 6. – Typical Junction Capacitance
0
25
50
75
100 125
150 175
3.0
1.5
0
60 Hz
Resistive or
Inductive Load
Ambient Temperature, °C
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
0.01
100
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Instantaneous Forward Voltage (V)
0.001
0
20
40
60
80
100
10
1.0
0.1
0.01
Percent of Rated Peak Reverse Voltage (%)
Tj=125℃
Tj=75℃
Tj=25℃
0.1
1
10
100
1000
100
10
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Reverse Voltage (V)
1
10
100
80
40
0
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Number of Cycles at 60Hz
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec


Numéro de pièce similaire - SM3150A

FabricantNo de pièceFiches techniqueDescription
logo
Goodwork Semiconductor ...
SM3150A GWSEMI-SM3150A Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3150A SECOS-SM3150A Datasheet
192Kb / 2P
   Voltage 150 V 3.0 A Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM3150A AITSEMI-SM3150A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
Goodwork Semiconductor ...
SM3150A-CAR GWSEMI-SM3150A-CAR Datasheet
50Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3150AF SECOS-SM3150AF Datasheet
243Kb / 2P
   20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
More results

Description similaire - SM3150A

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
CSM360A LRC-CSM360A Datasheet
847Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Leshan Radio Company
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
Leshan Radio Company
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com