Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB1520 Fiches technique(PDF) 3 Page - Leshan Radio Company

No de pièce SB1520
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1520 Fiches technique(HTML) 3 Page - Leshan Radio Company

  SB1520 Datasheet HTML 1Page - Leshan Radio Company SB1520 Datasheet HTML 2Page - Leshan Radio Company SB1520 Datasheet HTML 3Page - Leshan Radio Company SB1520 Datasheet HTML 4Page - Leshan Radio Company SB1520 Datasheet HTML 5Page - Leshan Radio Company SB1520 Datasheet HTML 6Page - Leshan Radio Company SB1520 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
SB1520 thru SB15100
8.5
9.5
R-6
0.335
0.375


Numéro de pièce similaire - SB1520

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
103Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
   Schottky Barrier Rectifiers
logo
Semikron International
SB1520 SEMIKRON-SB1520 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1520 MCC-SB1520 Datasheet
485Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
103Kb / 2P
   Schottky Barrier Rectifiers
More results

Description similaire - SB1520

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
SB1220 LRC-SB1220 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 12A
SB1020 LRC-SB1020 Datasheet
162Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
CSM5100LA LRC-CSM5100LA Datasheet
433Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
Rev.A Apr. 2021
LMBR20S100SN56 LRC-LMBR20S100SN56 Datasheet
474Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 20A
Rev.A Oct. 2022
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com