Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB209-E Fiches technique(PDF) 4 Page - Leshan Radio Company

No de pièce SB209-E
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LRC [Leshan Radio Company]
Site Internet  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB209-E Fiches technique(HTML) 4 Page - Leshan Radio Company

  SB209-E Datasheet HTML 1Page - Leshan Radio Company SB209-E Datasheet HTML 2Page - Leshan Radio Company SB209-E Datasheet HTML 3Page - Leshan Radio Company SB209-E Datasheet HTML 4Page - Leshan Radio Company SB209-E Datasheet HTML 5Page - Leshan Radio Company SB209-E Datasheet HTML 6Page - Leshan Radio Company SB209-E Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
标题:
1.1. 弹带盒规格 ammo spec.
单位:
mm
L
WH
T52
262±2
76±2
90±2
T42
262±2
64±2
90±2
T26
250±3
45±3
95±3
1.2 弹带内盒要求 inner box spec.
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
1 弹带盒装 ammo and box
1
LRC标签
label
ROHS标签
label


Numéro de pièce similaire - SB209-E

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
SB209 LRC-SB209 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
More results

Description similaire - SB209-E

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
SB202 LRC-SB202 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com