Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4512BCN Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce CD4512BCN
Description  8-Channel Buffered Data Selector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4512BCN Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  CD4512BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 7Page - Fairchild Semiconductor CD4512BCN Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005993.prf
www.fairchildsemi.com
CD4512BC
8-Channel Buffered Data Selector
General Description
The CD4512BC buffered 8-channel data selector is a com-
plementary MOS (CMOS) circuit constructed with N- and
P-channel enhancement mode transistors. This data selec-
tor is primarily used as a digital signal multiplexer selecting
1 of 8 inputs and routing the signal to a 3-STATE output. A
high level at the Inhibit input forces a low level at the out-
put. A high level at the Output Enable (OE) input forces the
output into the 3-STATE condition. Low levels at both the
Inhibit and (OE) inputs allow normal operation.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s 3-STATE output
s Low quiescent power dissipation:
0.25
µW/package (typ.) @ V
CC = 5.0V
s Plug-in replacement for Motorola MC14512
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix “X” to the ordering code.
Connection Diagram
Pin Assignments for SOIC and DIP
Top View
Truth Table
2
= Don't care
Hi-Z
= 3-STATE condition
Xn
= Data at input n
Order Number
Package Number
Package Description
CD4512BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4512BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Address Inputs
Control Inputs
Output
C
B
A
Inhibit
OE
Z
00
0
0
0
X0
00
1
0
0
X1
0
1
0
0
0
X2
01
1
0
0
X3
10
0
0
0
X4
10
1
0
0
X5
1
1
0
0
0
X6
11
1
0
0
X7
21
1
1
0
0
2
2
2
2
1
Hi-Z


Numéro de pièce similaire - CD4512BCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
More results

Description similaire - CD4512BCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4512BC NSC-CD4512BC Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
CD4512BM NSC-CD4512BM Datasheet
142Kb / 6P
   8-Channel Buffered Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B Datasheet
178Kb / 8P
   8-Channel Data Selector
March, 2000 ??Rev. 3
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP Datasheet
261Kb / 7P
   8-CHANNEL DATA SELECTOR
logo
Hitachi Semiconductor
HD14512B HITACHI-HD14512B Datasheet
81Kb / 7P
   8-channel Data Selector
logo
ON Semiconductor
MC14512B ONSEMI-MC14512B_14 Datasheet
110Kb / 6P
   8-Channel Data Selector
July, 2014 ??Rev. 10
logo
List of Unclassifed Man...
MMC4512 ETC-MMC4512 Datasheet
116Kb / 4P
   8-CHANNEL DATA SELECTOR
logo
Toshiba Semiconductor
TC4512BP TOSHIBA-TC4512BP_07 Datasheet
353Kb / 9P
   8-Channel Data Selector
logo
STMicroelectronics
HCF4512B STMICROELECTRONICS-HCF4512B_02 Datasheet
278Kb / 9P
   8 CHANNEL DATA SELECTOR
HCC4512B STMICROELECTRONICS-HCC4512B Datasheet
278Kb / 12P
   8-CHANNEL DATA SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com