Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4043 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce CD4043
Description  Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4043 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  CD4043 Datasheet HTML 1Page - Fairchild Semiconductor CD4043 Datasheet HTML 2Page - Fairchild Semiconductor CD4043 Datasheet HTML 3Page - Fairchild Semiconductor CD4043 Datasheet HTML 4Page - Fairchild Semiconductor CD4043 Datasheet HTML 5Page - Fairchild Semiconductor CD4043 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, input tr = tf = 20 ns, unless otherwise noted
Note 4: AC Parameters are guaranteed by DC correlated testing.
Timing Waveforms
CD4043B
CD4044B
Enable Timing
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH, tPHL
Propagation Delay S or R to Q
VDD = 5.0V
175
350
ns
VDD = 10V
75
175
ns
VDD = 15V
60
120
ns
tPZH, tPHZ
Propagation Delay Enable to Q (HIGH)
VDD = 5.0V
115
230
ns
VDD = 10V
55
110
ns
VDD = 15V
40
80
ns
tPZL, tPLZ
Propagation Delay Enable to Q (LOW)
VDD = 5.0V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tTHL, tTLH
Transition Time
VDD = 5.0V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWO
Minimum SET or RESET Pulse Width
VDD = 5.0V
80
160
ns
VDD = 10V
40
80
ns
VDD = 15V
20
40
ns
CIN
Input Capacitance
5.0
7.5
pF


Numéro de pièce similaire - CD4043

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
CD4043B-MIL TI1-CD4043B-MIL Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
National Semiconductor ...
CD4043BC NSC-CD4043BC Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
logo
Texas Instruments
CD4043BD TI-CD4043BD Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
More results

Description similaire - CD4043

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
   QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
   QUAD 3-STATE R-S LATCHES
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com