Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4047 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce CD4047
Description  Low Power Monostable/Astable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4047 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  CD4047 Datasheet HTML 1Page - Fairchild Semiconductor CD4047 Datasheet HTML 2Page - Fairchild Semiconductor CD4047 Datasheet HTML 3Page - Fairchild Semiconductor CD4047 Datasheet HTML 4Page - Fairchild Semiconductor CD4047 Datasheet HTML 5Page - Fairchild Semiconductor CD4047 Datasheet HTML 6Page - Fairchild Semiconductor CD4047 Datasheet HTML 7Page - Fairchild Semiconductor CD4047 Datasheet HTML 8Page - Fairchild Semiconductor CD4047 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions (Note 3)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. They are not meant to imply
that the devices should be operated at these limits. The table of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provides
conditions for actual device operation.
Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 4: IOH and IOL are tested one output at a time.
DC Supply Voltage (VDD)
−0.5V to +18V
DC
Input Voltage (VIN)
−0.5V to V
DD +0.5VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3V to 15VDC
Input Voltage (VIN)0 to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C25°C85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD = 5V
20
20
150
µA
VDD = 10V
40
40
300
µA
VDD = 15V
80
80
600
µA
VOL
LOW Level Output Voltage
|IO| < 1 µA
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level Output Voltage
|IO| < 1 µA
VDD = 5V
4.95
4.95
5
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1V or 9V
3.0
4.5
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
VDD = 10V, VO = 1V or 9V
7.0
7.0
5.5
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level Output Current
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
(Note 4)
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output Current
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
(Note 4)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−10−5
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
10−5
0.3
1.0
µA


Numéro de pièce similaire - CD4047

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4047 TI-CD4047 Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047 INTERSIL-CD4047 Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
National Semiconductor ...
CD4047 NSC-CD4047 Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047 NSC-CD4047 Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results

Description similaire - CD4047

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC_02 Datasheet
94Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
STMicroelectronics
HCC4047B STMICROELECTRONICS-HCC4047B Datasheet
302Kb / 15P
   LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com