Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4016 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce CD4016
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4016 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  CD4016 Datasheet HTML 1Page - Fairchild Semiconductor CD4016 Datasheet HTML 2Page - Fairchild Semiconductor CD4016 Datasheet HTML 3Page - Fairchild Semiconductor CD4016 Datasheet HTML 4Page - Fairchild Semiconductor CD4016 Datasheet HTML 5Page - Fairchild Semiconductor CD4016 Datasheet HTML 6Page - Fairchild Semiconductor CD4016 Datasheet HTML 7Page - Fairchild Semiconductor CD4016 Datasheet HTML 8Page - Fairchild Semiconductor CD4016 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Typical Applications
4 Input Multiplexer
Sample/Hold Amplifier
Special Considerations
The CD4016B is composed of 4, two-transistor analog
switches. These switches do not have any linearization or
compensation circuitry for “RON” as do the CD4066B's.
Because of this, the special operating considerations for
the CD4066B do not apply to the CD4016B, but at low sup-
ply voltages,
≤5V, the CD4016B's on resistance becomes
non-linear. It is recommended that at 5V, voltages on the in/
out pins be maintained within about 1V of either VDD or
VSS; and that at 3V the voltages on the in/out pins should
be at VDD or VSS for reliable operation.


Numéro de pièce similaire - CD4016

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CD4016 ONSEMI-CD4016 Datasheet
244Kb / 12P
   Quad Analog Switch/Quad Multiplexer
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
CD4016 ETC2-CD4016 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Intersil Corporation
CD40160 INTERSIL-CD40160 Datasheet
156Kb / 13P
   CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
Texas Instruments
CD401601B TI1-CD401601B Datasheet
958Kb / 17P
[Old version datasheet]   CMOS Synchronous Programmable 4-Bit Counters
logo
National Semiconductor ...
CD40160B NSC-CD40160B Datasheet
150Kb / 8P
   Decade Counter with Asynchronous Clear
More results

Description similaire - CD4016

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com