Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C3V3 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BZX55C3V3
Description  Series Half Watt Zeners
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C3V3 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BZX55C3V3 Datasheet HTML 1Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Tolerance: C = 5%
Electrical Characteristics
TA = 25°C unless otherwise noted
@
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 50 degrees C.
@
@@
BZX55C 3V3 - 33 Series Half Watt Zeners
Parameter
Value
Units
Storage Temperature Range
-65 to +200
°C
Maximum Junction Operating Temperature
+ 200
°C
Lead Temperature (1/16” from case for 10 seconds)
+ 230
°C
Total Device Dissipation
Derate above 25
°C
500
4.0
mW
mW/
°C
Surge Power**
30
W
Device
VZ
(V)
MIN
MAX
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZT
(mA)
VR
(V)
IR
(
µA)
IR
(
µA)
TA= 150
°C
TC
(%/
°C)
IZM
(mA)
BZX55C 3V3
BZX55C 3V6
BZX55C 3V9
BZX55C 4V3
BZX55C 4V7
3.1
3.4
3.7
4.0
4.4
3.5
3.8
4.1
4.6
5.0
85
85
85
75
60
5.0
5.0
5.0
5.0
5.0
600
600
600
600
600
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
2.0
1.0
0.5
40
40
40
20
10
- 0.060
- 0.055
- 0.050
- 0.040
- 0.020
115
105
95
90
85
BZX55C 5V1
BZX55C 5V6
BZX55C 6V2
BZX55C 6V8
BZX55C 7V5
4.8
5.2
5.8
6.4
7.0
5.4
6.0
6.6
7.2
7.9
35
25
10
8.0
7.0
5.0
5.0
5.0
5.0
5.0
550
450
200
150
50
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
0.1
0.1
0.1
0.1
0.1
2.0
2.0
2.0
2.0
2.0
+0.010
+0.025
+0.032
+0.040
+0.045
80
70
64
58
53
BZX55C 8V2
BZX55C 9V1
BZX55C 10
BZX55C 11
BZX55C 12
7.7
8.5
9.4
10.4
11.4
8.7
9.6
10.6
11.6
12.7
7.0
10
15
20
20
5.0
5.0
5.0
5.0
5.0
50
50
70
70
90
1.0
1.0
1.0
1.0
1.0
6.2
6.8
7.5
8.2
9.1
0.1
0.1
0.1
0.1
0.1
2.0
2.0
2.0
2.0
2.0
+0.048
+0.050
+0.055
+0.060
+0.065
47
43
40
36
32
BZX55C 13
BZX55C 15
BZX55C 16
BZX55C 18
BZX55C 20
12.4
13.8
15.3
16.8
18.8
14.1
15.6
17.1
19.1
21.1
26
30
40
50
55
5.0
5.0
5.0
5.0
5.0
110
110
170
170
220
1.0
1.0
1.0
1.0
1.0
10
11
12
13
15
0.1
0.1
0.1
0.1
0.1
2.0
2.0
2.0
2.0
2.0
0.070
0.070
0.075
0.075
0.080
29
27
24
21
20
BZX55C 22
BZX55C 24
BZX55C 27
BZX55C 30
BZX55C 33
20.8
22.8
25.1
28.0
31.0
23.3
25.6
28.9
32.0
35.0
55
80
80
80
80
5.0
5.0
5.0
5.0
5.0
220
220
220
220
220
1.0
1.0
1.0
1.0
1.0
16
18
20
22
24
0.1
0.1
0.1
0.1
0.1
2.0
2.0
2.0
2.0
2.0
0.080
0.080
0.085
0.085
0.085
18
16
14
13
12
VF Foward Voltage = 1.0 V Maximum @ IF = 100 mA for all BZX 55 series
DO-35
Discrete POWER & Signal
Technologies
ã
1997 Fairchild Semiconductor Corporation


Numéro de pièce similaire - BZX55C3V3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BZX55C3V3 VISHAY-BZX55C3V3 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55C3V3 NJSEMI-BZX55C3V3 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZX55C3V3 CHONGQING-BZX55C3V3 Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
BZX55C3V3 ZSELEC-BZX55C3V3 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Fairchild Semiconductor
BZX55C3V3 FAIRCHILD-BZX55C3V3 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Description similaire - BZX55C3V3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
BZX79C FAIRCHILD-BZX79C Datasheet
22Kb / 2P
   Series Half Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
1N4728A FAIRCHILD-1N4728A Datasheet
33Kb / 2P
   Series One Watt Zeners
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com