Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX33B Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BDX33B
Description  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX33B Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BDX33B Datasheet HTML 1Page - Fairchild Semiconductor BDX33B Datasheet HTML 2Page - Fairchild Semiconductor BDX33B Datasheet HTML 3Page - Fairchild Semiconductor BDX33B Datasheet HTML 4Page - Fairchild Semiconductor BDX33B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDX33
: BDX33A
: BDX33B
: BDX33C
45
60
80
100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BDX33
: BDX33A
: BDX33B
: BDX33C
45
60
80
100
V
V
V
V
IC
Collector Current (DC)
10
A
ICP
*Collector Current (Pulse)
15
A
IB
Base Current
0.25
A
PC
Collector Dissipation (TC=25°C)
70
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
BDX33/A/B/C
Power Linear and Switching Applications
• High Gain General Purpose
• Power Darlington TR
• Complement to BDX34/34A/34B/34C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Numéro de pièce similaire - BDX33B

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BDX33B MOSPEC-BDX33B Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Micro Commercial Compon...
BDX33B MCC-BDX33B Datasheet
875Kb / 4P
   NPN Silicon Power Darlingtons
logo
Motorola, Inc
BDX33B MOTOROLA-BDX33B Datasheet
135Kb / 6P
   Darlington Complementary Silicon Power Transistors
logo
Inchange Semiconductor ...
BDX33B ISC-BDX33B Datasheet
135Kb / 3P
   Silicon NPN Power Transistors
logo
ON Semiconductor
BDX33B ONSEMI-BDX33B Datasheet
135Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
More results

Description similaire - BDX33B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com