Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD533 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BD533
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD533 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BD533 Datasheet HTML 1Page - Fairchild Semiconductor BD533 Datasheet HTML 2Page - Fairchild Semiconductor BD533 Datasheet HTML 3Page - Fairchild Semiconductor BD533 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW =300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD533
: BD535
: BD537
45
60
80
V
V
V
VCES
Collector-Emitter Voltage
: BD533
: BD535
: BD537
45
60
80
V
V
V
VCEO
Collector-Emitter Voltage
: BD533
: BD535
: BD537
45
60
80
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
8
A
IB
Base Current
1
A
PC
Collector Dissipation (TC=25°C)
50
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current : BD533
: BD535
: BD537
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 80V, IE = 0
100
100
100
µA
µA
µA
ICES
Collector Cut-off Current : BD533
: BD535
: BD537
VCE = 45V, VBE = 0
VCE = 60V, VBE = 0
VCE = 80V, VBE = 0
100
100
100
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
1
mA
hFE
* DC Current Gain
: BD533/535
: BD537
: ALL DEVICE
: BD533/535
: BD537
VCE = 5V, IC = 10mA
VCE = 2V, IC = 500mA
VCE = 2V, IC = 2A
20
15
40
25
15
hFE
hFE Groups
J
: ALL DEVICE
K
: ALL DEVICE
VCE = 2V, IC = 2A
VCE = 2V, IC = 3A
VCE = 2V, IC = 2A
VCE = 2V, IC = 3A
30
15
40
20
75
100
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 2A, IB = 0.2A
IC = 6A, IB = 0.6A
0.8
0.8
V
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 2V, IC = 2A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 1V, IC = 500mA
3
12
MHz
BD533/535/537
Medium Power Linear and Switching
Applications
• Low Saturation Voltage
• Complement to BD534, BD536 and BD538 respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Numéro de pièce similaire - BD533

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD533 STMICROELECTRONICS-BD533 Datasheet
44Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD533 STMICROELECTRONICS-BD533 Datasheet
61Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD533 STMICROELECTRONICS-BD533 Datasheet
356Kb / 11P
   Complementary power transistors
logo
Savantic, Inc.
BD533 SAVANTIC-BD533 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD533 ISC-BD533 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
More results

Description similaire - BD533

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com