Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD375 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BD375
Description  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD375 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BD375 Datasheet HTML 1Page - Fairchild Semiconductor BD375 Datasheet HTML 2Page - Fairchild Semiconductor BD375 Datasheet HTML 3Page - Fairchild Semiconductor BD375 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=350
µs, duty Cycle=2% Pulsed
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BD375
: BD377
: BD379
50
75
100
V
V
V
VCEO
Collector-Emitter Voltage : BD375
: BD377
: BD379
45
60
80
V
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
2
A
ICP
*Collector Current (Pulse)
3
A
IB
Base Current
1
A
PC
Collector Dissipation (TC=25°C)
25
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BD375
: BD377
: BD379
IC = 100mA, IB = 0
45
60
80
V
V
V
BVCBO
Collector-Base
: BD375
Breakdown Voltage
: BD377
: BD379
IC = 100µA, IE = 0
50
75
100
V
V
V
ICBO
Collector Cut-off Current
: BD375
: BD377
: BD379
VCB = 45V, IE = 0
VCB = 60V, IE = 0
VCB = 80V, IE = 0
2
2
2
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
100
µA
hFE1
hFE2
* DC Current Gain
VCE = 2V, IC = 0.15A
VCE = 2V, IC = 1A
40
20
375
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = 1A, IB = 0.1A
1
V
VBE(on)
* Base-Emitter ON Voltage
VCE = 2V, IC = 1A
1.5
V
tON
Turn ON Time
VCC = 30V, IC = 0.5A
IB1 = - IB2 = 0.05A
RL = 60Ω
50
ns
tOFF
Turn OFF Time
500
ns
Classification
6
10
16
25
hFE1
40 ~ 100
63 ~ 160
100 ~ 250
150 ~ 375
BD375/377/379
Medium Power Linear and Switching
Applications
• Complement to BD376, BD378 and BD380 respectively
1
TO-126
1. Emitter
2.Collector
3.Base


Numéro de pièce similaire - BD375

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BD375 ISC-BD375 Datasheet
118Kb / 2P
   isc Silicon NPN Power Transistors
logo
Rohm
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37503FV-E2 ROHM-BD37503FV-E2 Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS Datasheet
111Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37511FS ROHM-BD37511FS Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
More results

Description similaire - BD375

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com